Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L84CLN-XE Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L84CLN-XE
Description  8-Bit One-Time Programmable OTP Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L84CLN-XE Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP87L84CLN-XE Datasheet HTML 6Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 7Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 8Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 9Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 10Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 11Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 12Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 13Page - National Semiconductor (TI) COP87L84CLN-XE Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Timers
The device contains a very versatile set of timers (T0 T1
T2) All timers and associated autoreloadcapture registers
power up containing random data
TIMER T0 (IDLE TIMER)
The device supports applications that require maintaining
real time and low power with the IDLE mode This IDLE
mode support is furnished by the IDLE timer T0 which is a
16-bit timer The Timer T0 runs continuously at the fixed
rate of the instruction cycle clock tc The user cannot read
or write to the IDLE Timer T0 which is a count down timer
The Timer T0 supports the following functions
Exit out of the Idle Mode (See Idle Mode description)
WATCHDOG logic (See WATCHDOG description)
Start up delay out of the HALT mode
The IDLE Timer T0 can generate an interrupt when the thir-
teenth bit toggles This toggle is latched into the T0PND
pending flag and will occur every 4 ms at the maximum
clock frequency (tc e 1 ms) A control flag T0EN allows the
interrupt from the thirteenth bit of Timer T0 to be enabled or
disabled Setting T0EN will enable the interrupt while reset-
ting it will disable the interrupt
TIMER T1 AND TIMER T2
The device has a set of two powerful timercounter blocks
T1 and T2 The associated features and functioning of a
timer block are described by referring to the timer block Tx
Since the two timer blocks T1 and T2 are identical all com-
ments are equally applicable to either timer block
Each timer block consists of a 16-bit timer Tx and two
supporting 16-bit autoreloadcapture registers RxA and
RxB Each timer block has two pins associated with it TxA
and TxB The pin TxA supports IO required by the timer
block while the pin TxB is an input to the timer block The
powerful and flexible timer block allows the device to easily
perform all timer functions with minimal software overhead
The timer block has three operating modes Processor Inde-
pendent PWM mode External Event Counter mode and
Input Capture mode
The control bits TxC3 TxC2 and TxC1 allow selection of
the different modes of operation
Mode 1 Processor Independent PWM Mode
As the name suggests this mode allows the device to gen-
erate a PWM signal with very minimal user intervention
The user only has to define the parameters of the PWM
signal (ON time and OFF time) Once begun the timer block
will continuously generate the PWM signal completely inde-
pendent of the microcontroller The user software services
the timer block only when the PWM parameters require up-
dating
In this mode the timer Tx counts down at a fixed rate of tc
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers RxA and RxB The very
first underflow of the timer causes the timer to reload from
the register RxA Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register RxB
The Tx Timer control bits TxC3 TxC2 and TxC1 set up the
timer for PWM mode operation
Figure 6 shows a block diagram of the timer in PWM mode
TLDD12524 – 9
FIGURE 6 Timer in PWM Mode
The underflows can be programmed to toggle the TxA out-
put pin The underflows can also be programmed to gener-
ate interrupts
Underflows from the timer are alternately latched into two
pending flags TxPNDA and TxPNDB The user must reset
these pending flags under software control Two control en-
able flags TxENA and TxENB allow the interrupts from the
timer underflow to be enabled or disabled Setting the timer
enable flag TxENA will cause an interrupt when a timer un-
derflow causes the RxA register to be reloaded into the tim-
er Setting the timer enable flag TxENB will cause an inter-
rupt when a timer underflow causes the RxB register to be
reloaded into the timer Resetting the timer enable flags will
disable the associated interrupts
Either or both of the timer underflow interrupts may be en-
abled This gives the user the flexibility of interrupting once
per PWM period on either the rising or falling edge of the
PWM output Alternatively the user may choose to interrupt
on both edges of the PWM output
Mode 2 External Event Counter Mode
This mode is quite similar to the processor independent
PWM mode described above The main difference is that
the timer Tx is clocked by the input signal from the TxA pin
The Tx timer control bits TxC3 TxC2 and TxC1 allow the
timer to be clocked either on a positive or negative edge
from the TxA pin Underflows from the timer are latched into
the TxPNDA pending flag Setting the TxENA control flag
will cause an interrupt when the timer underflows
In this mode the input pin TxB can be used as an indepen-
dent positive edge sensitive interrupt input if the TxENB
control flag is set The occurrence of a positive edge on the
TxB input pin is latched into the TxPNDB flag
Figure 7 shows a block diagram of the timer in External
Event Counter mode
Note
The PWM output is not available in this mode since the TxA pin is
being used as the counter input clock
http
www nationalcom
10


Similar Part No. - COP87L84CLN-XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP87L84CLN-XE TI1-COP87L84CLN-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
More results

Similar Description - COP87L84CLN-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com