Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8492121 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 8492121
Description  WE-EPLE USB 2.0 A Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

8492121 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  8492121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 8492121 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3.0
2.0
REV
2014-07-28
2014-03-14
DATE
SSt
MLe
BY
MLe
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-EPLE USB 2.0 A Connector
Order.- No.
8492121
SIZE
A4
G Packaging Specification - Tape and Reel [mm]:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 8492121

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8492 FILTRAN-8492 Datasheet
103Kb / 1P
   CHOKE Differential Mode Suppression Chokes
More results

Similar Description - 8492121

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MINI USB
MU1S101-000Z ROSENBERGER-MU1S101-000Z Datasheet
745Kb / 2P
   USB 2.0 A PLUG
MU1S101-000 ROSENBERGER-MU1S101-000 Datasheet
745Kb / 2P
   USB 2.0 A PLUG
logo
Assmann Electronics Inc...
AK670M2-3-GR-R ASSMANN-AK670M2-3-GR-R Datasheet
351Kb / 1P
   USB 1.1 & 2.0, USB A Male
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Assmann Electronics Inc...
AK670M2-1-GR-R ASSMANN-AK670M2-1-GR-R Datasheet
351Kb / 1P
   USB 1.1 & 2.0, USB A Male
AK670M2-2-GR-R ASSMANN-AK670M2-2-GR-R Datasheet
351Kb / 1P
   USB 1.1 & 2.0, USB A Male
AK670M2-5-GR-R ASSMANN-AK670M2-5-GR-R Datasheet
351Kb / 1P
   USB 1.1 & 2.0, USB A Male
AK670M-2-R ASSMANN-AK670M-2-R Datasheet
351Kb / 1P
   USB 1.1 & 2.0, USB A Male
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com