Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7C256-12 Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # 7C256-12
Description  High Performance 32Kx8 CMOS SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

7C256-12 Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  7C256-12 Datasheet HTML 1Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 2Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 3Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 4Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 5Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 6Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 7Page - Alliance Semiconductor Corporation 7C256-12 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AS7C256
AS7C256L
7
TYPICAL DC AND AC CHARACTERISTICS
Supply voltage (V)
4.0
5.5
6.0
5.0
4.5
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
Ambient temperature (°C)
–55
80
125
35
–10
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC, ISB
vs. ambient temperature Ta
vs. supply voltage VCC
ICC
ISB
ICC
ISB
Ambient temperature (°C)
-55
80
125
35
-10
0.2
1
0.04
5
25
625
Normalized supply current ISB1
vs. ambient temperature Ta
VCC = 5.0V
Supply voltage (V)
4.0
5.5
6.0
5.0
4.5
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Ambient temperature (°C)
–55
80
125
35
–10
0.8
0.9
1.1
1.2
1.0
1.3
1.4
1.5
Normalized access time tAA
Cycle frequency (MHz)
075
100
50
25
0.0
0.2
0.6
0.8
0.4
1.0
1.2
1.4
Normalized supply current ICC
vs. ambient temperature Ta
vs. cycle frequency 1/tRC, 1/tWC
vs. supply voltage VCC
VCC = 5.0V
Ta = 25°C
VCC = 5.0V
Ta = 25°C
Output voltage (V)
0.0
3.75
5.0
2.5
1.25
0
20
60
80
40
100
120
140
Output source current IOH
Output voltage (V)
0.0
3.75
5.0
2.5
1.25
Output sink current IOL
vs. output voltage VOL
vs. output voltage VOH
0
20
60
80
40
100
120
140
VCC = 5.0V
Ta = 25°C
VCC = 5.0V
Ta = 25°C
Capacitance (pF)
0
750
1000
500
250
0
5
15
20
10
25
30
35
Typical access time change
t
AA
vs. output capacitive loading
VCC = 4.5V
AS7C256-11


Similar Part No. - 7C256-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7C25000MAB-B ETC2-7C25000MAB-B Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7C25000MAB-T ETC2-7C25000MAB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7C25000MAC-B ETC2-7C25000MAC-B Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7C25000MAC-T ETC2-7C25000MAC-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7C25000MAF-B ETC2-7C25000MAF-B Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
More results

Similar Description - 7C256-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
logo
Samsung semiconductor
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
HM65787 ETC1-HM65787 Datasheet
600Kb / 5P
   HIGH SPEED CMOS SRAM
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
HM65764 ETC1-HM65764 Datasheet
734Kb / 6P
   HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com