Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG063EH300JTB Datasheet(PDF) 3 Page - TDK Electronics

Part # NTCG063EH300JTB
Description  NTC Thermistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG063EH300JTB Datasheet(HTML) 3 Page - TDK Electronics

  NTCG063EH300JTB Datasheet HTML 1Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 2Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 3Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 4Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 5Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 6Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 7Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 8Page - TDK Electronics NTCG063EH300JTB Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
(3/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Temperature Protection Devices
NTC Thermistors
SMD
CHARACTERISTICS OF NTC THERMISTORS (EXAMPLE)
NTC(Negative Temperature Coefficient) Thermistors are manufactured from sintered metal oxides. Each thermistor consists of a combination
of two to four of the following materials: Manganese, Nickel, Cobalt and Copper. NTC thermistors are semiconductor resistors that exhibit
decreasing resistance characteristics with increasing temperature. TDK thermistors have low thermal time constants which result in extremely
high rates of resistance change to accurately track the temperature.
FEATURES
Small sized 0603 type (L0.6× W0.3× T0.3mm) series are available.
Lead (Pb) free product. By using lead-less terminal electrodes and electroplating (Ni-Sn), this product realized excellent solderablity and
soldering heat resistance, comparing with the conventional eutectic mixture solder and lead-free solder (Sn/Ag/Cu, etc.).
Product series provides a wide range of resistances and B constants. Good stability of resistance value after soldering. The 0603, 1005,
1608 and 2012 size provide 4 different shapes with identical resistance-temperature characteristics. Attains less that low floating capac-
itance (using TCXO) in the high frequency region.
APPLICATION
Temperature sensor
Temperature compensation
TYPICAL USED SET AND TDK PRODUCT NAMES
Overview of the NTCG Series
Used set
Applied circuit
Resistance
(R25)
B constant
(B25/85)
TDK recommended
part number
Mobile
communication
devices
TCXO(Temperature
compensated crystal
oscillator)
Low-temperature area compensated circuit
30
: to 100:
3250K(2800K)
NTCG103EH400H
High-temperature area compensated circuit
1.0k
: to 3.0k: 4100K to 4500K
NTCG104BH102H
Power amplifier module
Power amplifier temperature compensated circuit
30
: to 10k:
3250K to 4500K
NTCG104KH202J
LCD
LCD temperature compensated circuit
22k
: to 1M:
4550K to 4750K
NTCG104LH473J
Temperature monitor
Various-circuit temperature compensated circuit
10k
: to 470k: 4100K to 4750K
NTCG104BH103J
Battery pack
Battery temperature monitor and charging control
circuit
10k
: to 100k: 3435K to 4550K
NTCG103JF103F
Computer devices
CPU
CPU temperature monitor
10k
: to 1M:
3435K to 4550K
NTCG103JF103F
LCD
LCD temperature compensated circuit
22k
: to 1M:
4550K to 4750K
NTCG104LH473J
HDD
Pickup temperature compensated circuit
10k
: to 100k: 3435K to 4550K
NTCG103JF103F
NTCG104EF104F
ODD
CD or DVD write current compensated circuit
10k
: to 100k: 3435K to 4550K
NTCG103JF103F
NTCG104EF104F
Battery pack
Battery temperature monitor and charging control
circuit
10k
: to 100k: 3435K to 4550K
NTCG103JF103F
DVC, DSC
Auto focus
Driving circuit temperature compensated circuit
1.0k
: to 15k:
3435K to 4100K
NTCG104BH103J
Iris stop
Hole element temperature compensated circuit
10k
: to 100k: 3435K to 4550K
NTCG104LH473J
Battery pack
Battery temperature monitor and charging control
circuit
10k
: to 100k: 3435K to 4550K
NTCG103JF103F
Car audio unit
Car CD or MD
Laser pickup temperature compensated circuit
22k
: to 150k: 4550K
NTCG104LH473J
Optical transmission
system
Laser transmitter or receiver temperature compensated
circuit
1.0k
: to 150k: 4100K to 4550K
NTCG104LH154J
Printer
Ink viscosity controller
10k
: to 47k:
3435K to 4550K
NTCG104LH473H
Product compatible with RoHS directive
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/


Similar Part No. - NTCG063EH300JTB

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG063EH300 TDK-NTCG063EH300 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
More results

Similar Description - NTCG063EH300JTB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com