Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG103EH400H Datasheet(PDF) 2 Page - TDK Electronics

Part # NTCG103EH400H
Description  NTC Thermistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG103EH400H Datasheet(HTML) 2 Page - TDK Electronics

  NTCG103EH400H Datasheet HTML 1Page - TDK Electronics NTCG103EH400H Datasheet HTML 2Page - TDK Electronics NTCG103EH400H Datasheet HTML 3Page - TDK Electronics NTCG103EH400H Datasheet HTML 4Page - TDK Electronics NTCG103EH400H Datasheet HTML 5Page - TDK Electronics NTCG103EH400H Datasheet HTML 6Page - TDK Electronics NTCG103EH400H Datasheet HTML 7Page - TDK Electronics NTCG103EH400H Datasheet HTML 8Page - TDK Electronics NTCG103EH400H Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
(2/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Temperature Protection Devices
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
Please pay careful attention to the precautions and follow safe designing practices when using these products.
Incorrect usage may lead to destroyed NTC thermistors and damages or malfunctions with the devices used.
Please use them within the ranges of the ratings and performance provided in the Catalog and delivery specifications upon confirming the
environments where they are to be used and installed.
Do not use them outside the operating temperature range.
Do not use them with the ratings or maximum permissible power levels exceeded.
Do not quickly apply 5mW or more of load with the constant-voltage power supply in the NTC thermistor as this may lead to staying in
thermal runaway mode or the red-shorting of chips.
Please be cautious of the applied voltage in thermistors as instruments may malfunction with the lowering of resistance due to self heating.
With instruments that consumers can touch the thermistors with their hands, please carefully warn them not to touch the thermistors.
Store them in locations where the temperature is –10°C to +40°C and the relative humidity is 75% or below, avoid environments where
there are sudden changes in temperatures, direct sunlight, corrosive gas, grit, or dust, and keep them packed in a manner where no
loading stress is applied in order to avoid deterioration and damage. (Please use them within six months.)
When sealing thermistors, please do so upon first considering the type, quantity, hardening conditions, and adhesiveness of the sealing
material and confirming its reliability.
Avoid powerful vibrations, impact (such as by dropping), pressure, etc. on thermistors that exceed the prescribed levels.
Do not use them for long periods of time in environments with a relative humidity of over 85%. (This excludes cases where
countermeasures have been taken.)
Do not use them in the following environments. (This excludes cases where countermeasures have been taken.)
・Environments with corrosive gas (Cl2, NH3, SOx, NOx, etc.)
・Environments with highly conductive substances (electrolytes, water, saltwater, etc.)
・Environments with acid, alkali, or organic solvents
・Dusty areas
Please observe the following precautions when attaching them to substrates as failure to do so may result in destruction or malfunction.
・Do not let the substrates get warped or twisted at any time during the soldering.
・The landing size must be even on both the left and right sides.
・Do not use items that have been dropped or detached.
・Do not allow the adherence of more solder than needed.
Reflow mounting is recommended with NTC thermistors, and not flow (dip) mounting.
Attaching or making corrections with a soldering iron is not recommended as it can lead to troubles such as significant distorting due to
thermal shock or cracking. If a soldering iron must be used, it should be 30W or below with the temperature of the tip at 350°C or below,
and at a maximum of 5 seconds of soldering time. Also, do not let the tip of the soldering iron come in direct contact with the chips.
When attaching or making corrections with a soldering iron, the temperature of the tip of the soldering iron should be 350°C or below at a
maximum of 5 seconds of soldering time. Do not let the tip of the soldering iron come in directly come in contact with the chips as doing
so may lead to particularly large distortions due to thermal shock or cracking.
Please use a substance such as resin that does not generate hydrogen (H2) when forming insulation film over chips.
Please contact our sales offices when considering the use of the products listed on this catalog for applications, whose performance and/
or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property ('specific uses' such as automobiles, airplanes,medical instruments, nuclear devices, etc.) as well as when
considering the use for applications that exceed the range and conditions of this catalog.
Please note that we are not responsible for any damages or losses incurred resulting from the use of these products that exceeds the range
and conditions of this catalog or specific uses.
Please take appropriate measures such as acquiring protective circuits and devices that meet the uses, applications, and conditions of the
instruments and keeping backup circuits.
REMINDERS


Similar Part No. - NTCG103EH400H

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG103EH400H TDK-NTCG103EH400H Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG103EH400HT1 TDK-NTCG103EH400HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Protection Device)
More results

Similar Description - NTCG103EH400H

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com