Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG104KH202J Datasheet(PDF) 4 Page - TDK Electronics

Part # NTCG104KH202J
Description  NTC Thermistors
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG104KH202J Datasheet(HTML) 4 Page - TDK Electronics

  NTCG104KH202J Datasheet HTML 1Page - TDK Electronics NTCG104KH202J Datasheet HTML 2Page - TDK Electronics NTCG104KH202J Datasheet HTML 3Page - TDK Electronics NTCG104KH202J Datasheet HTML 4Page - TDK Electronics NTCG104KH202J Datasheet HTML 5Page - TDK Electronics NTCG104KH202J Datasheet HTML 6Page - TDK Electronics NTCG104KH202J Datasheet HTML 7Page - TDK Electronics NTCG104KH202J Datasheet HTML 8Page - TDK Electronics NTCG104KH202J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
(4/27)
20150928 / tpd_ntc-thermistor_ntcg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Temperature Protection Devices
Overview of the NTCG Series
CIRCUIT EXAMPLES
1. CELLULAR PHONE, TABLET TERMINAL
Power amp. module,
Temperature monitor
Control of voltage
2. HARD DISK DRIVE
Chip NTC thermistor
NTCG06
、NTCG10 types
Resistance tolerance: ±1 to ±5%/B constant tolerance: ±1 to ±3%
TEMPERATURE SENSOR IC
NTC THERMISTOR
(Cost: about 50% down)
Voltage vs. temperature characteristics
3. BATTERY PACK
Control circuit for quick charge battery
Main Board
LCD Display
Touch Panel
Bluetooth
/Wi-fi
Data Interface
Side Button
Speaker
Power
Management
CPU
PA Module
Front Camera
Speaker
Rear Camera
Power SW
Battery
Vibrator
Sensor, Power SW
Volume, Hold SW
Headphone
Data Interface,
Button, Speaker
Spindle motor
Track
Disk
Actuator
Swing arm
Magnetic head
IC
8bit
R1
R2
8bit
R1:10k
Ω±5%
R2:10k
Ω±5%
NTC R25:10k
Ω±5%
B25/85:4100K±3%
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–50
0
+50 +100 +150
Temperature(˚C)
Vmax.
Vnom.
Vmin.
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–50
0
+50 +100 +150
Temperature(˚C)
Vmax.
Vnom.
Vmin.
LM317
Battery


Similar Part No. - NTCG104KH202J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104KH202J TDK-NTCG104KH202J Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results

Similar Description - NTCG104KH202J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com