Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L84CLM-XE Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L84CLM-XE
Description  8-Bit One-Time Programmable OTP Microcontroller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L84CLM-XE Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP87L84CLM-XE Datasheet HTML 1Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 2Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 3Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 4Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 5Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 6Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 7Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 8Page - National Semiconductor (TI) COP87L84CLM-XE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
General Description (Continued)
The device is a fully static part fabricated using double-met-
al silicon gate microCMOS technology Features include an
8-bit memory mapped architecture MICROWIREPLUSTM
serial IO
two 16-bit timercounters supporting three
modes (Processor Independent PWM generation External
Event counter and Input Capture mode capabilities) Each
IO pin has software selectable configurations The devices
operates over a voltage range of 27V to 55V
High
throughput is achieved with an efficient regular instruction
set operating at a maximum of 1 ms per instruction rate
Connection Diagrams
Plastic Chip Carrier
TLDD12524 – 1
Top View
Order Number COP87L88CLV-XE
See NS Package Number V44A
Note
-X
Crystal Oscillator
-E
Halt Enable
Dual-In-Line Package
TLDD12524 – 2
Top View
Order Number COP87L84CLN-XE
See NS Package Number N40A
Dual-In-Line Package
TLDD12524 – 3
Top View
Order Number COP87L84CLN-XE
or COP87L84CLM-XE
See NS Package Number M28B or N28B
FIGURE 1 COP87L88CLCOP87L84CL Connection Diagrams
http
www nationalcom
2


Similar Part No. - COP87L84CLM-XE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP87L84CLM-XE TI1-COP87L84CLM-XE Datasheet
606Kb / 42P
[Old version datasheet]   COP888CL 8-Bit Microcontroller
More results

Similar Description - COP87L84CLM-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP87L88GG NSC-COP87L88GG Datasheet
439Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com