Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C34098-10JC Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS7C34098-10JC
Description  5V/3.3V 256K x 16 CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098-10JC Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS7C34098-10JC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C34098-10JC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
®
AS7C4098
AS7C34098
1/13/05; v.1.9
Alliance Semiconductor
P. 7 of 10
Write waveform 3 10,11
AC test conditions
Notes
1During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2
This parameter is sampled, but not 100% tested.
3
For test conditions, see AC Test Conditions, Figures A, B, C.
4tCLZ and tCHZ are specified with CL = 5pF as in Figure C. Transition is measured ±500mV from steady-state voltage.
5
This parameter is guaranteed, but not tested.
6WE is High for read cycle.
7CE and OE are Low for read cycle.
8
Address valid prior to or coincident with CE transition Low.
9
All read cycle timings are referenced from the last valid address to the first transitioning address.
10 CE or WE must be High during address transitions. Either CE or WE asserting high terminates a write cycle.
11 All write cycle timings are referenced from the last valid address to the first transitioning address.
12 Not applicable.
13 C = 30pF, except on High Z and Low Z parameters, where C = 5pF.
Address
CE
LB, UB
WE
DataIN
tWC
tCW
tBW
tWP
tDW
tDH
tWZ
tAH
DataOUT
Data undefined
High Z
High Z
tAS
tAW
Data valid
tWR
- Output load: see Figure B or Figure C.
- Input pulse level: GND to 3.0V. See Figure A.
- Input rise and fall times: 2 ns. See Figure A.
- Input and output timing reference levels: 1.5V.
10%
90%
10%
90%
GND
+3.0V
2 ns
Figure A: Input pulse
255
C13
480
DOUT
GND
+5V
Figure B: 5V Output load
350
C13
320
DOUT
GND
+3.3V
Figure C: 3.3V Output load
168
Thevenin equivalent: D
OUT
+1.728V (5V and 3.3V)


Similar Part No. - AS7C34098-10JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098A ALSC-AS7C34098A Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JC ALSC-AS7C34098A-10JC Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JCN ALSC-AS7C34098A-10JCN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JI ALSC-AS7C34098A-10JI Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
AS7C34098A-10JIN ALSC-AS7C34098A-10JIN Datasheet
151Kb / 10P
   3.3 V 256 K x 16 CMOS SRAM
More results

Similar Description - AS7C34098-10JC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C32096A ALSC-AS7C32096A Datasheet
194Kb / 9P
   3.3V 256K x 8 CMOS SRAM
AS7C513B ALSC-AS7C513B Datasheet
213Kb / 9P
   5V 32K x 16 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
   3.3V 32K x 16 CMOS SRAM
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
AS7C1028 ALSC-AS7C1028 Datasheet
119Kb / 8P
   5V 256K X 4 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com