Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1084T25 Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1084T25
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084T25 Datasheet(HTML) 9 Page - Anachip Corp

Back Button AP1084T25 Datasheet HTML 2Page - Anachip Corp AP1084T25 Datasheet HTML 3Page - Anachip Corp AP1084T25 Datasheet HTML 4Page - Anachip Corp AP1084T25 Datasheet HTML 5Page - Anachip Corp AP1084T25 Datasheet HTML 6Page - Anachip Corp AP1084T25 Datasheet HTML 7Page - Anachip Corp AP1084T25 Datasheet HTML 8Page - Anachip Corp AP1084T25 Datasheet HTML 9Page - Anachip Corp AP1084T25 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
9/10
(2) TO252-3L
b2
E
e
b
e1
H
SEATING PLANE
L
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Notes:
1.
JEDEC Outline: TO-252 AB
2.
Mils suggested for positive contact at mounting.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
2.29
2.39
0.086
0.090
0.094
A1
1.02
1.15
1.27
0.040
0.045
0.050
b
0.61 TYP.
0.024 TYP.
b2
5.20
5.35
5.50
0.205
0.211
0.217
C
0.46
0.52
0.58
0.018
0.020
0.023
C1
0.46
0.52
0.58
0.018
0.020
0.023
D
5.33
5.57
5.80
0.210
0.219
0.228
E
6.35
6.58
6.80
0.250
0.259
0.268
e
2.25 BSC.
0.089 BSC.
e1
4.50 BSC.
0.177 BSC.
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
-
-
0.020
-
-
L1
0.64
0.83
1.02
0.025
0.033
0.040
L2
1.52
1.78
2.03
0.060
0.070
0.080


Similar Part No. - AP1084T25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084T25 ANACHIP-AP1084T25 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084T25A ANACHIP-AP1084T25A Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084T25G-13 DIODES-AP1084T25G-13 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
AP1084T25G-U DIODES-AP1084T25G-U Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084T25L ANACHIP-AP1084T25L Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084T25

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com