Electronic Components Datasheet Search |
|
AS7C256-12 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation |
|
AS7C256-12 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation |
1 / 8 page ALLIANCE SEMICONDUCTOR A 8 A 7 High Performance 32K ×8 CMOS SRAM AS7C256 AS7C256L 32K ×8 CMOS SRAM (Common I/O) LOGIC BLOCK DIAGRAM FEATURES • Organization: 32,768 words × 8 bits • High speed – 10/12/15/20/25/35 ns address access time – 3/3/4/5/6/8 ns output enable access time • Low power consumption – Active: 660 mW max (10 ns cycle) – Standby: 11 mW max, CMOS I/O 2.75 mW max, CMOS I/O, L version – Very low DC component in active power • 2.0V data retention (L version) • Equal access and cycle times • Easy memory expansion with CE and OE inputs • TTL-compatible, three-state I/O • 28-pin JEDEC standard packages – 300 mil PDIP and SOJ Socket compatible with 7C512 and 7C1024 – 330 mil SOIC –8 ×13.4 TSOP • ESD protection > 2000 volts • Latch-up current > 200 mA SELECTION GUIDE PIN ARRANGEMENT 256 ×128×8 ARRAY (262,144) INPUT BUFFER A0 A1 A2 A3 A4 A5 A6 A14 A 9 A 10 A 11 A 12 A 13 I/O0 I/O7 Vcc GND OE CE WE COLUMN DECODER CONTROL CIRCUIT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 Vcc WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND 16 15 AS7C256-02 AS7C256-01 7C256-10 7C256-12 7C256-15 7C256-20 7C256-25 7C256-35 Unit Maximum Address Access Time 10 12 15 20 25 35 ns Maximum Output Enable Access Time 334568 ns Maximum Operating Current 120 115 110 100 90 80 mA Maximum CMOS Standby Current 2.0 2.0 2.0 2.0 2.0 2.0 mA L 0.5 0.5 0.5 0.5 0.5 0.5 mA Vcc WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND DIP, SOJ, SOIC TSOP 8 ×13.4 22 23 24 25 26 27 28 1 2 3 4 5 6 7 21 20 19 18 17 16 15 14 13 12 11 10 AS7C256 9 8 |
Similar Part No. - AS7C256-12 |
|
Similar Description - AS7C256-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |