Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C256-15 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C256-15
Description  High Performance 32Kx8 CMOS SRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256-15 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C256-15 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256-15 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AS7C256
AS7C256L
3
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
GND
0.0
0.0
0.0
V
Input Voltage
VIH
2.2
VCC+1
V
VIL
–0.5*
0.8
V
*VIL min = –3.0V for pulse width less than tRC/2.
Parameter
Symbol Test Conditions
-10
-12
-15
-20
-25
-35
Unit
Min Max Min Max Min Max Min Max Min Max Min Max
Input Leakage
Current
|I
LI|
VCC = Max,
Vin = GND to VCC
–1–1–1
–1–1–1
µA
Output Leakage
Current
|I
LO|
CE = VIH, VCC = Max,
Vout = GND to VCC
–1–1–1
–1–1–1
µA
Operating Power
Supply Current
ICC
CE = VIL, f = fmax,
Iout = 0 mA
–120
–115
–110
100
90
80
mA
L
115
–110
–105
95
85
75
mA
Standby
Power Supply
Current
ISB
CE = VIH, f = fmax
–45–
40
30
30
–25
25
mA
L
40
35
25
25
20
20
mA
ISB1
CE > VCC–0.2V, f = 0,
Vin 0.2V or
Vin VCC–0.2V
2.0
2.0
2.0
2.0
2.0
2.0
mA
L
0.5
0.5
0.5
0.5
0.5
0.5
mA
Output Voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
0.4
0.4
0.4
0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4
2.4
2.4
2.4
2.4
2.4
V
Parameter
Symbol
Signals
Test Conditions
Max
Unit
Input Capacitance
CIN
A, CE, WE, OE
Vin = 0V
5
pF
I/O Capacitance
CI/O
I/O
Vin = Vout = 0V
7
pF
RECOMMENDED OPERATING CONDITIONS
(Ta = 0°C to +70°C)
DC OPERATING CHARACTERISTICS
(VCC = 5V±10%, GND = 0V, Ta = 0°C to +70°C)
1
CAPACITANCE
(f = 1 MHz, Ta = Room Temperature, VCC = 5V)
2


Similar Part No. - AS7C256-15

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JC ALSC-AS7C256A-10JC Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JCN ALSC-AS7C256A-10JCN Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JI ALSC-AS7C256A-10JI Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JIN ALSC-AS7C256A-10JIN Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
More results

Similar Description - AS7C256-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
logo
Samsung semiconductor
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
HM65787 ETC1-HM65787 Datasheet
600Kb / 5P
   HIGH SPEED CMOS SRAM
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
HM65764 ETC1-HM65764 Datasheet
734Kb / 6P
   HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com