Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDMC50D38T150NP-1R0MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDMC50D38T150NP-1R0MC
Description  LED Head light for Automobile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC50D38T150NP-1R0MC Datasheet(HTML) 4 Page - Sumida Corporation

  CDMC50D38T150NP-1R0MC Datasheet HTML 1Page - Sumida Corporation CDMC50D38T150NP-1R0MC Datasheet HTML 2Page - Sumida Corporation CDMC50D38T150NP-1R0MC Datasheet HTML 3Page - Sumida Corporation CDMC50D38T150NP-1R0MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Note: This datasheet might be slightly modified without notice in order to improve the quality and reliability of the product. Please contact
an appropriate our sales in your regions for checking final spec before you place an order.
Page 4 of 4
Rev. 4 (2014.10)
CDMC50D38/T150
Inductance vs Frequency Graph
Derating Curve
Please refer to the sales offices on our website
-
http://www.sumida.com
Hong Kong
Shanghai
Shenzhen
Taipei
Tel.+852-2880-6781
FAX.+852-2565-9600
sales@hk.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Saitama (Japan)
Seoul
Singapore
San Jose
Tel.+81-48-691-7303
FAX.+81-48-691-7340
sales@jp.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+1-408-3219660
FAX.+1-408-321-9308
sales@us.sumida.com
Chicago
Obernzell
Neumarkt
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
0
20
40
60
80
100
120
-40
-20
0
20406080
100
120
140
160
Ambient Temperature(℃)
0.1
1
10
100
1000
0.1
1
10
100
Frequency(MHz)
220M
150M
100M
6R8M
4R7M
3R0M
2R5M
1R5M
1R0M


Similar Part No. - CDMC50D38T150NP-1R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC104 SUMIDA-CDMC104 Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R36M SUMIDA-CDMC104NP-R36M Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R36M SUMIDA-CDMC104NP-R36M Datasheet
131Kb / 2P
   SMD Power Inductor
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
131Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDMC50D38T150NP-1R0MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D60B SUMIDA-CDRH10D60B Datasheet
186Kb / 1P
   LED Head light for Automobile
CDRH12D77B SUMIDA-CDRH12D77B Datasheet
172Kb / 1P
   LED Head light for Automobile
CDMC10D50 SUMIDA-CDMC10D50 Datasheet
324Kb / 6P
   LED Head light for Automobile
CDRH70D45B SUMIDA-CDRH70D45B Datasheet
198Kb / 1P
   LED Head light for Automobile
CDMC80D50 SUMIDA-CDMC80D50 Datasheet
733Kb / 8P
   LED Head light for Automobile
CDRH60D45B SUMIDA-CDRH60D45B Datasheet
256Kb / 1P
   LED Head light for Automobile
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
   Integrated light emitting/receiving elements for automobile VICS
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
   1W & 3W Light touch switch LED / head light drive
logo
Schneider Electric
ZB5AV033 SCHNEIDER-ZB5AV033 Datasheet
194Kb / 8P
   green pilot light head 횠22 plain lens for integral LED
Aug 11, 2019
ZB4FV053 SCHNEIDER-ZB4FV053 Datasheet
157Kb / 8P
   Head for pilot light, Harmony XB4, flush mounted orange integral LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com