Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDMC50D38T150NP-6R8MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDMC50D38T150NP-6R8MC
Description  LED Head light for Automobile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDMC50D38T150NP-6R8MC Datasheet(HTML) 1 Page - Sumida Corporation

  CDMC50D38T150NP-6R8MC Datasheet HTML 1Page - Sumida Corporation CDMC50D38T150NP-6R8MC Datasheet HTML 2Page - Sumida Corporation CDMC50D38T150NP-6R8MC Datasheet HTML 3Page - Sumida Corporation CDMC50D38T150NP-6R8MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Note: This datasheet might be slightly modified without notice in order to improve the quality and reliability of the product. Please contact
an appropriate our sales in your regions for checking final spec before you place an order.
Page 1 of 4
Rev. 4 (2014.10)
CDMC50D38/T150
Electrical Characteristics
Saturation Current
(A) *2
Part No.
Inductance (μH)
(±20%)
1
D.C.R. (mΩ)
at 20degC
(±10%)
at 20degC
at 110degC
at 150degC
Temperature
Rise current
(A) *3
CDMC50D38T150NP -1R0MC
1.05
16.5
11.5
10.0
10.0
6.5
CDMC50D38T150NP -1R5MC
1.50
20.0
9.8
9.0
8.9
5.9
CDMC50D38T150NP -2R5MC
2.50
27.3
8.0
7.5
7.4
5.1
CDMC50D38T150NP -3R0MC
3.00
30.5
7.5
6.9
6.8
4.8
CDMC50D38T150NP -4R7MC
4.70
41.0
6.3
5.8
5.7
4.1
CDMC50D38T150NP -6R8MC
6.80
51.3
5.4
4.9
4.8
3.6
CDMC50D38T150NP -100MC
10.0
76.6
4.4
4.1
4.0
2.9
CDMC50D38T150NP -150MC
15.0
120.8
3.6
3.3
3.2
2.3
CDMC50D38T150NP -220MC
22.0
180.8
3.0
2.7
2.7
1.8
1 Inductance Measuring frequency: 100kHz, 0.1V
2 Saturation current: DC current which becomes inductance value drop down to 30% from the initial value.
3 Temperature rise current : DC current which becomes ⊿T=40℃(Ta=20℃) in component body temperature.
Board conditions: FR4, Copper=70μm, four-layer PWB, t=1.6mm
In order to select the proper inductor for your circuit design, it should be checked the inductor rated current for heat generation in the
worst case. Under normal operational condition, it shall not exceed the maximum operating temperature (150 deg C.)
Allowable current of inductor is either saturation current or temperature rise current, whichever is lower.
Absolute maximum voltage 40V DC.
Take the static electricity measures to prevent deterioration of electric characteristics.
Features
Metal compound molding type construction.
Magnetically shielded.
Qualified AEC-Q200
Suitable for Large Current
Operating temperature range: - 40deg C~+150deg C
(including coil’s self temperature rise)
Applications
LED Head light for Automobile
ECU for Airbag, Water and Oil pump etc
DC/DC converter
Dimension -
[mm]
Reference Land pattern-
[mm]
:Electrode
5.4±0.4
4.0 Max.
1.2±0.4
3.0
1.2±0.4
RoHS
7.2
2.2


Similar Part No. - CDMC50D38T150NP-6R8MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDMC104 SUMIDA-CDMC104 Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R36M SUMIDA-CDMC104NP-R36M Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R36M SUMIDA-CDMC104NP-R36M Datasheet
131Kb / 2P
   SMD Power Inductor
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
133Kb / 1P
   POWER INDUCTORS
CDMC104NP-R56M SUMIDA-CDMC104NP-R56M Datasheet
131Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDMC50D38T150NP-6R8MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH10D60B SUMIDA-CDRH10D60B Datasheet
186Kb / 1P
   LED Head light for Automobile
CDRH12D77B SUMIDA-CDRH12D77B Datasheet
172Kb / 1P
   LED Head light for Automobile
CDMC10D50 SUMIDA-CDMC10D50 Datasheet
324Kb / 6P
   LED Head light for Automobile
CDRH70D45B SUMIDA-CDRH70D45B Datasheet
198Kb / 1P
   LED Head light for Automobile
CDMC80D50 SUMIDA-CDMC80D50 Datasheet
733Kb / 8P
   LED Head light for Automobile
CDRH60D45B SUMIDA-CDRH60D45B Datasheet
256Kb / 1P
   LED Head light for Automobile
logo
Hamamatsu Corporation
P8212 HAMAMATSU-P8212_15 Datasheet
159Kb / 2P
   Integrated light emitting/receiving elements for automobile VICS
logo
SHOUDING Shouding Semic...
SD3301 SHOUDING-SD3301 Datasheet
648Kb / 4P
   1W & 3W Light touch switch LED / head light drive
logo
Schneider Electric
ZB5AV033 SCHNEIDER-ZB5AV033 Datasheet
194Kb / 8P
   green pilot light head 횠22 plain lens for integral LED
Aug 11, 2019
ZB4FV053 SCHNEIDER-ZB4FV053 Datasheet
157Kb / 8P
   Head for pilot light, Harmony XB4, flush mounted orange integral LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com