Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1005 Datasheet(PDF) 10 Page - Sumida Corporation

Part # SPM1005
Description  3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1005 Datasheet(HTML) 10 Page - Sumida Corporation

Back Button SPM1005 Datasheet HTML 6Page - Sumida Corporation SPM1005 Datasheet HTML 7Page - Sumida Corporation SPM1005 Datasheet HTML 8Page - Sumida Corporation SPM1005 Datasheet HTML 9Page - Sumida Corporation SPM1005 Datasheet HTML 10Page - Sumida Corporation SPM1005 Datasheet HTML 11Page - Sumida Corporation SPM1005 Datasheet HTML 12Page - Sumida Corporation SPM1005 Datasheet HTML 13Page - Sumida Corporation SPM1005 Datasheet HTML 14Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SPM1005
Version 1.4
February 19, 2016
Page 10 of 29
SPM1005-1V8, VOUT = 1.8V
Fig. 5 Efficiency vs Output Current
Fig. 6 Power Dissipation vs Output Current
SPM1005-1V5, VOUT = 1.5V
Fig. 7 Efficiency vs Output Current
Fig. 8 Power Dissipation vs Output Current
80
82
84
86
88
90
92
94
96
98
100
0
1
2
3
4
5
6
Output Current (A)
Vin = 2.95 V
Vin = 3.3 V
Vin = 5 V
Vin = 6 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
Output Current (A)
Vin = 2.95 V
Vin = 3.3 V
Vin = 5 V
Vin = 6 V
78
80
82
84
86
88
90
92
94
96
98
0
1
2
3
4
5
6
Output Current (A)
Vin = 2.95 V
Vin = 3.3 V
Vin = 5 V
Vin = 6 V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
Output Current (A)
Vin = 2.95 V
Vin = 3.3 V
Vin = 5 V
Vin = 6 V


Similar Part No. - SPM1005

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-100M-HZ TDK-SPM10054T-100M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10054T-100M-HZR TDK-SPM10054T-100M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-150M-HZR TDK-SPM10054T-150M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-1R0M-HZ TDK-SPM10054T-1R0M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1005

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Bel Fuse Inc.
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
logo
List of Unclassifed Man...
PD-NPM-0305EP ETC1-PD-NPM-0305EP Datasheet
45Kb / 3P
   DSL NTU POWER MODULE (36-130V DC INPUT, 5V DC, 3.3V DC OUTPUT)
logo
Maxim Integrated Produc...
MAX682 MAXIM-MAX682 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
   SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com