Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM1005-0V8C Datasheet(PDF) 1 Page - Sumida Corporation

Part # SPM1005-0V8C
Description  3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module Thermal Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1005-0V8C Datasheet(HTML) 1 Page - Sumida Corporation

  SPM1005-0V8C Datasheet HTML 1Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 2Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 3Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 4Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 5Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 6Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 7Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 8Page - Sumida Corporation SPM1005-0V8C Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SPM1005
Version 1.4
February 19, 2016
Page 1 of 29
3.3V/5V Input 6A Output Power Supply in Inductor (PSI2) Module
FEATURES
 Integrated Point of Load power module using PSI2
Power Supply in Inductor technology
 Small footprint, low-profile, 11mm x 9mm x 3mm,
with LGA Package (0.63 mm Pads)
 Efficiency up to 96%
 High output current, 6A without derating at 85°C
ambient with no air flow
 Wide output voltage adjustment: 0.6V to 3.6V
 Pre-bias startup capability
 User adjustable switching frequency
 Synchronization to external clock signal
 Adjustable soft-start time for output voltage
 Output voltage sequencing / tracking
 Enable signal input and Power Good signal output
 Programmable Under Voltage Lock Out (UVLO)
 Output Over Current Protection (OCP)
 Over temperature protection
 Operating temperature range -40°C to 85°C
 Qualified to IPC9592B, Class II
 MSL3 and RoHS compliant
APPLICATIONS
 Broadband and communications equipment
 DSP and FPGA Point of Load applications
 High density distributed power systems
 Systems using PCI / PCI express / PXI express
 Automated test and medical equipment
DESCRIPTION
SPM1005 is an easy-to-use 6A output integrated Point of
Load (POL) power supply module. It contains integrated
power MOSFETs, driver, PWM controller, a high
performance inductor, input and output capacitors and
other passive components in one low profile LGA package
using PSI2 technology.
Only one input capacitor and one output capacitor are
needed for typical applications. There is no need for loop
compensation, sensitive PCB layout, inductor selection or
in-circuit production testing. Each module is fully tested.
SPM1005 integrated POL module series are offered in two
versions: universal output voltage version (SPM1005-Z)
and single voltage version. With the SPM1005-Z version,
the user can select the output voltage and switching
frequency with external resistors. The single voltage
versions provide fixed output voltage at 3.3V, 2.5V, 1.8V,
1.5V, 1.2V, 1.0V, 0.8V or 0.6V. The user can trim the
output voltage by ±10% using an external resistor.
All SPM1005 models deliver full 6A load current without
derating at 85°C ambient temperature with no airflow.
Small size (11mm x 9mm) and low profile (3mm) allows
the SPM1005 to be placed very close to its load or on the
back side of the PCB for high density applications.
Sumida's PSI2 technology ensures optimal inductor
design, uniform temperature distribution and very low
temperature difference between case and IC die.
SIMPLIFIED APPLICATION
EFFICIENCY VS LOAD CURRENT
RT/CLK
STSEL
PWRGD
SS/TR
AGND
COMP
VSE NS E
VOUT
VIN= 2.95-6V
CIN
47uF
VOUT =1.8V
COUT
100uF
VIN
PGND
PHASE
VADJ
EN
SPM1005
– 1V8
ON/OFF
CONTROL
PWRGD
Logic
Shutdown
Logic
VIN
UVLO
Power
Stage
and
Control
Logic
Compensation
Network
VREF
OSC w/PLL
Thermal
Shutdown
OCP
PWRGD
VADJ
COMP
SS/TR
STSEL
VSENSE
RT/CLK
EN
VIN
VOUT
PGND
AGND
PHASE
80
82
84
86
88
90
92
94
96
98
100
0
1
2
3
4
5
6
Output Current (A)
Vin = 5 V, Vout = 3.3 V
Vin = 3.3 V, Vout = 1.8 V


Similar Part No. - SPM1005-0V8C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SPM10054-HZR TDK-SPM10054-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-100M-HZ TDK-SPM10054T-100M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
SPM10054T-100M-HZR TDK-SPM10054T-100M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-150M-HZR TDK-SPM10054T-150M-HZR Datasheet
269Kb / 4P
   Inductors for power circuits Wound metal SPM-HZR series(for automotive)
20221201
SPM10054T-1R0M-HZ TDK-SPM10054T-1R0M-HZ Datasheet
265Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM1005-0V8C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SPM1004 SUMIDA-SPM1004 Datasheet
1Mb / 28P
   12V Input 6A Output Power Supply in Inductor (PSI2) Module
SPM1006 SUMIDA-SPM1006 Datasheet
1Mb / 22P
   4-28V Input 8A Output Power Supply in Inductor (PSI2) Module
logo
Bel Fuse Inc.
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
V7PB-06B BEL-V7PB-06B Datasheet
214Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
logo
List of Unclassifed Man...
PD-NPM-0305EP ETC1-PD-NPM-0305EP Datasheet
45Kb / 3P
   DSL NTU POWER MODULE (36-130V DC INPUT, 5V DC, 3.3V DC OUTPUT)
logo
Maxim Integrated Produc...
MAX682 MAXIM-MAX682 Datasheet
154Kb / 12P
   3.3V-Input to Regulated 5V-Output Charge Pumps
Rev 1; 8/98
logo
SparkFun Electronics
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
   SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com