Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC223 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC223
Description  Micro Stepping Stepper Motor Controller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC223 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC223 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMC223 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TMC223 DATASHEET (V. 1.05 / March 7, 2011)
9
Copyright © 2007-2009 TRINAMIC Motion Control GmbH & Co. KG
5
Functional Description
5.1
Position Controller and Main Controller
5.1.1
Stepping Modes
The TMC223 supports up to 16 micro steps per full step, which leads to smooth and low torque ripple
motion of the stepping motor. Four stepping modes (micro step resolutions) are selectable by the user
(see also Table 11):
Half step Mode
1/4 Micro stepping
1/8 Micro stepping
1/16 Micro stepping
5.1.2
Velocity Ramp
A common velocity ramp where a motor drives to a desired position is shown in the figure below. The
motion consists of a acceleration phase, a phase of constant speed and a final deceleration phase.
Both the acceleration and the deceleration are symmetrical. The acceleration factor can be chosen
from a table with 16 entries. (Table 5: Acc Parameter on page 12). A typical motion begins with a start
velocity Vmin. During acceleration phase the velocity is increased until Vmax is reached. After
acceleration phase the motion is continued with velocity Vmax until the velocity has to be decreased in
order to stop at the desired target position. Both velocity parameters Vmin and Vmax are
programmable, whereas Vmin is a programmable ratio of Vmax. (See Table 3: Vmax Parameter on
page 11 and Table 4: Vmin on page 12). The user has to take into account that Vmin is not allowed to
change while a motion is ongoing. Vmax is only allowed to change under special circumstances. (See
5.1.4 Vmax Parameter on page 11).
The peak current value to be fed to each coil of the stepper-motor is selectable from a table with 16
possible values. It has to be distinguished between the run current Irun and the hold current Ihold. Irun
is fed through the stepper motor coils while a motion is performed, whereas Ihold is the current to hold
the stepper motor before or after a motion. More details about Irun and Ihold can be found in 5.3.1. and
5.3.2.
Velocity resp. acceleration parameters are accessable via the serial interface. These parameters are
written via the SetMotorParam command (see 6.8.9) and read via the GetFullStatus1 command (see
6.8.1).
time
[s]
Velocity V
[FS/s]
V
max
V
min
X
start
X
target
No
Movement
Acceleration
Phase
Constant Velocity
Deceleration
Phase
No
Movement
State of Motion


Similar Part No. - TMC223

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC2202-WA TRINAMIC-TMC2202-WA Datasheet
2Mb / 81P
   POWER DRIVER FOR STEPPER MOTORS
logo
Fairchild Semiconductor
TMC22051AKHC FAIRCHILD-TMC22051AKHC Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Cadeka Microcircuits LL...
TMC22051AKHC CADEKA-TMC22051AKHC Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Fairchild Semiconductor
TMC22052AKHC FAIRCHILD-TMC22052AKHC Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Cadeka Microcircuits LL...
TMC22052AKHC CADEKA-TMC22052AKHC Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
More results

Similar Description - TMC223

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC222 TRINAMIC-TMC222 Datasheet
462Kb / 48P
   Micro Stepping Stepper Motor Controller
logo
ON Semiconductor
AMIS-30421 ONSEMI-AMIS-30421 Datasheet
591Kb / 41P
   Micro-Stepping Stepper Motor Bridge Controller
October, 2011 ??Rev. 0
AMIS-30422 ONSEMI-AMIS-30422 Datasheet
486Kb / 45P
   Micro-Stepping Stepper Motor Bridge Controller
March, 2013 ??Rev. 0
logo
TRINAMIC Motion Control...
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
   Micro Stepping Stepper Motor Controller / Driver with LIN Interface
logo
LSI Computer Systems
LS8292 LSI-LS8292 Datasheet
963Kb / 13P
   MICRO-STEPPING MOTOR CONTROLLER
logo
ON Semiconductor
AMIS-30521 ONSEMI-AMIS-30521_10 Datasheet
317Kb / 28P
   Micro-Stepping Motor Driver
December, 2009 ??Rev. 2
AMIS-30532 ONSEMI-AMIS-30532_15 Datasheet
377Kb / 29P
   Micro-Stepping Motor Driver
March, 2015 ??Rev. 2
AMIS30532C5321G ONSEMI-AMIS30532C5321G Datasheet
439Kb / 29P
   Micro-Stepping Motor Driver
August, 2012 ??Rev. 1
AMIS-30511 ONSEMI-AMIS-30511 Datasheet
387Kb / 28P
   Micro-Stepping Motor Driver
September, 2008 ??Rev. 1
NCV70514 ONSEMI-NCV70514_17 Datasheet
319Kb / 31P
   Micro-stepping Motor Driver
September, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com