Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC248-LA Datasheet(PDF) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC248-LA
Description  Low-cost stepper driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC248-LA Datasheet(HTML) 5 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC248-LA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC248-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TMC248-LA DATASHEET (Rev. 1.01 / 2013-MAR-26)
5
www.trinamic.com
1.1 Advanced Features
stallGuard™
The TMC248 offers sensorless load measurement and stall detection.
Its ability to predict an overload makes the TMC248 an optimum
choice for drives, where a high reliability is desired.
Further, the integrated stallGuard™ feature makes the TMC248 a
good choice for applications, where a reference point is needed,
but where a switch is not desired.
Current Control
Current control serves a cool driver and motor. Internal DACs allow
microstepping as well as smart current control. Its low power
dissipation makes the TMC248 an optimum choice for drives, where
a high reliability is desired.
Microstepping via SPI
Easy to use digital control of microstepping. After choosing the
desired microstep resolution the microcontroller sends digital
values for each microstep current via SPI. DACs and comparators
convert these digital values to analog signals for coil currents. This
way, every microstep is initialized and controlled by the
microcontroller. The TMC248 serves for the execution.
Mixed Decay
Mixed decay can be used for smoother operation.
Low Noise Chopper
The TMC248 allows implementing a low noise voltage PWM
chopper by two microcontroller PWM outputs using its simple
standalone mode. This way, a motor can be moved very smoothly
at high microstep resolution without any noise.
Slope Control
Slope control reduces electromagnetic emissions.
Oscillator and Clock Selector
Oscillator and clock selector provide the system clock from the on-
chip oscillator or an external source.
1.2 Control Interfaces
There are two control interfaces from the motion controller to the motor driver: the SPI serial
interface and the classical analog interface.
1.2.1 SPI Interface
The SPI interface is used to write control information to the chip and read back status information.
This interface must be used to initialize parameters and modes necessary to enable driving the motor.
This interface may also be used for directly setting the currents flowing through the motor coils. The
motor can be controlled through the SPI interface alone.
The SPI interface is a bit-serial interface synchronous to a bus clock. For every bit sent from the bus
master to the bus slave, another bit is sent simultaneously from the slave to the master.
Communication between an SPI master and the TMC248 slave always consists of sending one 12-bit
command word and receiving one 12-bit status word.
The SPI command rate typically corresponds to the microstep rate at low velocities. At high velocities,
the rate may be limited by CPU bandwidth to 10,000 to 100,000 commands per second, so the
application may need to change to fullstep resolution.
1.2.2 Classical Non-SPI Control Mode (Standalone Mode)
The driver can be controlled by analog current control signals and digital phase signals.


Similar Part No. - TMC248-LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246 Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC246 ETC2-TMC246 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246 Datasheet
608Kb / 1P
   Microstep Driver for up to 1.5A with stall Guard?
TMC246 TRINAMIC-TMC246 Datasheet
543Kb / 28P
   High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC246 TRINAMIC-TMC246 Datasheet
611Kb / 28P
   High current microstep stepper motor driver
More results

Similar Description - TMC248-LA

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI7330 NI-NI7330 Datasheet
113Kb / 2P
   Low-Cost Stepper Motion Controllers
logo
STMicroelectronics
STSPIN220 STMICROELECTRONICS-STSPIN220 Datasheet
902Kb / 27P
   Low voltage stepper motor driver
Rev 4 - March 2019
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
   STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
   STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
   STEPPER DRIVER
R701 LINENGINEERING-R701 Datasheet
932Kb / 3P
   STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
   STEPPER DRIVER
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
   STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
   STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
   STEPPER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com