Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC603A Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC603A
Description  Intelligent Triple Stepper Motor Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC603A Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC603A_16 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMC603A_16 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TMC603A DATA SHEET (V. 1.16n / 2016-Apr-08)
8
Copyright © 2009 TRINAMIC Motion Control GmbH & Co. KG
Pin
Number
Type
Function
VLS
1, 44
Low side driver supply voltage for driving low side gates
GNDP
2, 40, 52
Power GND for MOSFET drivers, connect directly to GND
VM
3
Motor and MOSFET bridge supply voltage
GND
4, 36
Digital and analog low power GND, connect directly to GND
RS2G
5
AI 5V
Short to GND control resistor. Controls delay time for short to GND
test
n.c.
6, 7, 8
Do not externally connect these pins (unused outputs)
FILTx_
RSx
9, 10, 11
AI 5V
AO 5V
Output of internal switched capacitor filter or input for external sense
resistor (select using pin ENRS_TEST)
COSC
12
A 5V
Oscillator capacitor for step down regulator
TESTCLK
13
DI
Test mode input, connect to GND
BHx
14, 18,
22
DI 5V
High side driver control signal: A positive level switches on the high
side
BLx
15, 19,
23
DI 5V
Low side driver control signal: Polarity can be reversed via INV_BL
SAMPLEx
16, 20,
24
DI 5V
Optional external control for current measurement sample/hold
stage. Set to positive level, if unused
CURx
17, 21,
25
AO 5V
Output of current measurement amplifier
5VOUT
26
Output of internal 5V linear regulator. Provided for VCC supply
n.c.
27
Do not externally connect this pin.
VCC
28
+5V supply input for digital I/Os and analog circuitry
SENSE_HI 29
DI 5V
Switches current amplifiers to high sensitivity
BBM_EN
30
DI 5V
Enables internal break-before-make circuitry
INV_BL
31
DI 5V
Allows inversion of BLx input active level (low: BLx is active high)
ENABLE
32
DI 5V
Enables the power drivers (low: all MOSFETs become actively
switched off)
/ERR_OUT 33
DO 5V
Error output (open drain). Signals undervoltage or overcurrent. Tie
to ENABLE for direct self protection of the driver
CLR_ERR
34
DI 5V
Reset of error flip-flop (active high). Clears error condition
RSLP
35
AI 5V
Slope control resistor. Sets output current for MOSFET drivers
SWOUT
37
O
Switch regulator transistor output
ENRS_
TEST
38
DI 5V
O 12V
Enables sense resistor inputs rather than RDSON measurement. Test
multiplexer output
VCP
39
Charge pump supply voltage. Provides high side driver supply
LSx
41, 45,
49
O 12V
Low side MOSFET driver output
BMx
42, 46,
50
I (VM)
Sensing input for bridge outputs. Used for MOSFET control and
current measurement.
HSx
43, 47,
51
O
(VCP)
High side MOSFET driver output
Exposed
die pad
-
GND
Connect the exposed die pad to a GND plane. It is used for cooling
of the IC and may either be left open or be connected to GND.


Similar Part No. - TMC603A_16

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
More results

Similar Description - TMC603A_16

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC429 TRINAMIC-TMC429_16 Datasheet
1Mb / 83P
   Intelligent Triple Stepper Motor Controller
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
   Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
logo
STMicroelectronics
GS-C200 STMICROELECTRONICS-GS-C200 Datasheet
314Kb / 31P
   INTELLIGENT STEPPER MOTOR CONTROLLERS
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com