Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1420-LA Datasheet(PDF) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC1420-LA
Description  Dual N & P-Channel 40V Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC1420-LA Datasheet(HTML) 3 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC1420-LA Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC1420-LA Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TMC1420-LA DATASHEET (Rev. 1.01 / 2014-MAY-12)
3
www.trinamic.com
1 Pin Assignments
PQFN5x6
4
3
2
1
8
7
6
5
Backside view
G2
S2
G1
S1
Front view / internal circuit
D1 D1 D2 D2
D2 D2 D1 D1
S1 G1 S2 G2
Figure 1.1 TMC1420-LA pin assignments
2 Absolute Maximum Ratings
The maximum ratings may not be exceeded under any circumstances. Operating the circuit at or near
more than one maximum rating at a time for extended periods shall be avoided by application
design.
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Voltage
V
DS
40
-40
V
Gate-Source Voltage
V
GS
±20
±20
V
Continuous Drain Current*2
I
D@TA = 25°C
8.8
-7.3
A
Continuous Drain Current*2
I
D@TA = 70°C
7
-5.8
A
Pulsed Drain Current*1
I
DM
30
-30
A
Total Power Dissipation
P
D@TA = 25°C
3.57
W
Storage Temperature Range
T
STG
-55 to 150
°C
Operating Junction Temperature Range
T
J
-55 to 150
°C
*1 Pulse width is limited by maximum junction temperature.
*2 Surface mounted on 1 in² copper pad of FR4 board, t ≤ 10sec; 85˚C/W at steady state.
3 Thermal Data
Parameter
Symbol
N-channel
P-channel
Unit
Max. Thermal Resistance, Junction-case
Rthj-c
6
6
°C/W
Max. Thermal Resistance, Junction-ambient*
Rthj-a
35
35
°C/W
* Surface mounted on 1 in2 copper pad of FR4 board, t ≤ 10sec; 85˚C/W at steady state.


Similar Part No. - TMC1420-LA

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
   100 Watts Medical & ITE Switching Power Supplies
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
77Kb / 2P
   100 Watts Medical & ITE Switching Power Supplies
TMC100-S12 TRUMPOWER-TMC100-S12 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S12 TRUMPOWER-TMC100-S12 Datasheet
77Kb / 2P
   100 Watts Medical & ITE Switching Power Supplies
More results

Similar Description - TMC1420-LA

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4614B AOSMD-AO4614B_11 Datasheet
238Kb / 7P
   40V Dual P N-Channel MOSFET
logo
Shenzhen hui lida elect...
HLD4025 HUILIDA-HLD4025 Datasheet
851Kb / 4P
   40V NP Dual Channel MOSFET
logo
First Silicon Co., Ltd
FTK4701 FS-FTK4701 Datasheet
1Mb / 6P
   40V NP Dual Channel MOSFETs
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624_15 Datasheet
443Kb / 4P
   40V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6884 AOSMD-AON6884 Datasheet
250Kb / 6P
   40V Dual N-Channel MOSFET
AO4882 AOSMD-AO4882 Datasheet
349Kb / 5P
   40V Dual N-Channel MOSFET
AO4884 AOSMD-AO4884 Datasheet
203Kb / 6P
   40V Dual N-Channel MOSFET
AO4840 AOSMD-AO4840_11 Datasheet
316Kb / 5P
   40V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4624 GOOD-ARK-SSF4624 Datasheet
443Kb / 4P
   40V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com