Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3147L Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3147L
Description  High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3147L Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SK3147L_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RJK1590DP3-A0
R07DS1255EJ0100
Rev.1.00
Page 6 of 7
Mar 30, 2015
Package Dimensions
MASS (Typ) [g]
0.12
Unit: mm
RENESAS Code
PRSP0004ZB-A
Previous Code
SOT-223A
JEITA Package Code
Package Name
SOT-223
© 2015 Renesas Electronics Corporation. All rights reserved.
A
A1
A2
b
b2
c
D
E
E1
e
e1
L
1.52
0.02
1.50
0.60
2.90
0.23
6.30
6.70
3.30
0.90
Min
Nom
Dimensions in millimeters
Reference
Symbol
Max
1.66
2.30 BASIC
4.60 BASIC
1.80
0.10
1.70
0.80
3.10
0.33
6.70
7.30
3.70
1.10
b2
Pin No.1
23
b
D
0.10
CB
e1/2
e
0.10
C
M
B
M
A
e1
c
0.08
L
GAUGE PLANE
SEE
DETAIL A
DETAIL A
B-B Cross Section
C-C Cross Section
BB
C
4
C
b
b2


Similar Part No. - 2SK3147L_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3147L-E RENESAS-2SK3147L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3147L_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK2424 HITACHI-2SK2424 Datasheet
13Kb / 2P
   High speed power switching
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
   HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2115 ISC-2SK2115 Datasheet
60Kb / 2P
   High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
   High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
   High Speed Power Switching
logo
Hitachi Semiconductor
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
   HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com