Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3147L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK3147L
Description  High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3147L Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK3147L_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3147L_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJK1590DP3-A0
R07DS1255EJ0100
Rev.1.00
Page 2 of 7
Mar 30, 2015
Electrical Characteristics
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V (BR) DSS
150
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V (BR) GSS
10
V
IG =
100 A, VDS = 0
Gate to source leak current
IGSS
10
A
VGS =
8 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 150 V, VGS = 0
Gate to source cutoff voltage
VGS (off)
0.5
1.5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state resistance
RDS (on)
1.5
1.95
ID = 0.5 A, VGS = 4 V Note 2
RDS (on)
1.9
2.5
ID = 0.5 A, VGS = 2.5 V Note 2
Input capacitance
Ciss
98
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
31
pF
Reverse transfer capacitance
Crss
14
pF
Total gate charge
Qg
3.5
nC
VDD = 100 V
VGS = 4 V
ID = 1 A
Gate to source charge
Qgs
0.5
nC
Gate to drain charge
Qgd
1.8
nC
Turn-on delay time
td (on)
8
ns
VGS = 4 V
ID = 0.5 A
RL = 60
Rise time
tr
12
ns
Turn-off delay time
td (off)
34
ns
Fall time
tf
19
ns
Body-drain diode forward voltage
VDF
1.0
1.5
V
IF = 1 A, VGS = 0 Note 2
Body-drain diode reverse recovery time
trr
60
ns
IF = 1 A, VGS = 0
diF/dt = 100 A/
s
Notes: 2. Pulse test
3. This device is sensitive to electrostatic discharge.
It is recommended to adopt appropriate cautions when handling this product.


Similar Part No. - 2SK3147L_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3147L-E RENESAS-2SK3147L-E Datasheet
94Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3147L_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK2424 HITACHI-2SK2424 Datasheet
13Kb / 2P
   High speed power switching
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
   HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
   HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
   High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2115 ISC-2SK2115 Datasheet
60Kb / 2P
   High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
   High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
   High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
   High Speed Power Switching
logo
Hitachi Semiconductor
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
   HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com