Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT3019R-EL-E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT3019R-EL-E
Description  Silicon N/P Channel Power MOS FET Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3019R-EL-E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAT3019R-EL-E Datasheet HTML 2Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 3Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 4Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 5Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 6Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 7Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 8Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 9Page - Renesas Technology Corp HAT3019R-EL-E Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HAT3019R
Preliminary
R07DS1324EJ0700 Rev.7.00
Page 6 of 10
Feb 18, 2016
Main Characteristics P Channel
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Note 5 :
When using the glass epoxy board (FR4 40x40x1.6 mm)
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs
Gate to Source Voltage
Static Drain to Source on State Resistance
vs. Drain Current
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current ID (A)
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
–1.0
–0.6
–0.8
–0.4
–0.2
0
–4
–8
–20
–12
–16
-0.1
-1
-10
1
0.1
ID = –2 A
Pulse Test
Pulse Test
–0.5 A
10
VGS = –4.5 V
–10 V
–1 A
-5
-4
-3
-2
-1
0
-2
-4
-6
-8
-10
-5
-4
-3
-2
-1
0
-1
-2
-3
-4
-5
Tc = 75°C
25°C
–25°C
VDS = -10 V
Pulse Test
VGS = -2.6 V
-3.0 V
-10 V
-3.4 V
-4.5 V
Pulse Test
-0.01 -0.03
-0.1
-0.3
-1
-3
-10
10
1
0.1
0.01
25°C
Tc = -25°C
75°C
VDS = -10 V
Pulse Test
-10
-1
-0.1
-1
-10
-100
-0.01
-100
-0.1
-0.001
100
μs
1 ms
Ta = 25°C
1 shot Pulse
10
μs
Note
5
DC
Operation
(PW
≤ 10
s)
Operation in
this area is
limited by RDS(on)
PW
= 10
ms
(1shot)


Similar Part No. - HAT3019R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3019R RENESAS-HAT3019R Datasheet
136Kb / 2P
   Power MOSFETs and IGBT for PDP
logo
SHENZHEN DOINGTER SEMIC...
HAT3019R DOINGTER-HAT3019R Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET use advanced trench Technology
More results

Similar Description - HAT3019R-EL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_15 Datasheet
163Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R Datasheet
147Kb / 10P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3021R RENESAS-HAT3021R_15 Datasheet
167Kb / 13P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3021R RENESAS-HAT3021R_16 Datasheet
208Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT1048R RENESAS-HAT1048R Datasheet
37Kb / 5P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H_05 Datasheet
177Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
   Silicon P Channel Power MOS FET Power Switching
HAT1127H RENESAS-HAT1127H_15 Datasheet
106Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com