Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP60N06PDK-E2-AY Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP60N06PDK-E2-AY
Description  N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06PDK-E2-AY Datasheet(HTML) 7 Page - Renesas Technology Corp

  NP60N06PDK-E2-AY Datasheet HTML 1Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 2Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 3Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 4Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 5Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 6Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 7Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 8Page - Renesas Technology Corp NP60N06PDK-E2-AY Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NP60N06PDK
R07DS1296EJ0101 Rev.1.01
Page 7 of 7
Dec 21, 2015
Package Drawings
(Unit: mm)
TO-263 (MP-25ZP) (Mass: 1.48 g TYP.)
Renesas package code: PRSS0004AL-A
No plating
7.88 MIN.
2.54
0.75 ±0.2
0.5
2
13
4
4.45 ±0.2
1.3 ±0.2
0.6 ±0.2
0 to 8°
1. Gate
2. Drain
3. Source
4. Fin (Drain)
0.025
to 0.25
0.25
10.0 ±0.3


Similar Part No. - NP60N06PDK-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06PDK-E2-AY RENESAS-NP60N06PDK-E2-AY Datasheet
528Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP60N06PDK-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
   N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
   N-Channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com