Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP119N04NUK-S18-AY Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NP119N04NUK-S18-AY
Description  N-channel Power MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP119N04NUK-S18-AY Datasheet(HTML) 4 Page - Renesas Technology Corp

  NP119N04NUK-S18-AY Datasheet HTML 1Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 2Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 3Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 4Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 5Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 6Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 7Page - Renesas Technology Corp NP119N04NUK-S18-AY Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NP119N04NUK
Preliminary
R07DS1252EJ0100 Rev.1.00
Page 4 of 6
Mar 30, 2015
FORWARD TRANSFER CHARACTERISTICS
0.001
0.01
0.1
1
10
1000
100
0123
5
4
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
0
1
2
4
3
0
1
2
4
3
1
2
4
3
–100
–50
0
50
100
150
200
Tch - Channel Temperature - °C
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
10
1000
100
0.1
1
10
1000
100
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
1
10
100
1000
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
VGS - Gate to Source Voltage - V
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
100
300
600
500
200
400
01.0
0.4
0.2
0.8
0.6
VDS - Drain to Source Voltage - V
VDS = 10 V
Pulsed
VGS = 10 V
Pulsed
VGS = 10 V
Pulsed
VDS = 5 V
Pulsed
VDS = VGS
ID = 250 μA
T
A = –55°C
–25°C
25°C
75°C
100°C
125°C
150°C
175°C
T
A = –55°C
–25°C
25°C
75°C
100°C
125°C
150°C
175°C
I
D = 24 A
60 A
120 A
Pulsed


Similar Part No. - NP119N04NUK-S18-AY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP1100SAMCT3G ONSEMI-NP1100SAMCT3G Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP1100SAT3G ONSEMI-NP1100SAT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP1100SBMCT3G ONSEMI-NP1100SBMCT3G Datasheet
135Kb / 7P
   80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
NP1100SBT3G ONSEMI-NP1100SBT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP1100SCMCT3G ONSEMI-NP1100SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
More results

Similar Description - NP119N04NUK-S18-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
   N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
224Kb / 4P
   N-Channel Power MOS FET
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
   N-Channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com