Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH65T47DPQ-T0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJH65T47DPQ-T0
Description  Power Factor Correction circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH65T47DPQ-T0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJH65T47DPQ-T0 Datasheet HTML 1Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 2Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 3Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 4Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 5Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 6Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 7Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 8Page - Renesas Technology Corp RJH65T47DPQ-T0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RJH65T47DPQ-A0
Preliminary
R07DS1291EJ0101 Rev.1.01
Page 3 of 9
Oct 22, 2015
Main Characteristics
Typical Transfer Characteristics
Gate to Emitter Voltage VGE (V)
0
0
4
8
12
20
16
Typical Output Characteristics
180
150
120
90
60
30
2468
10
0
0
Collector to Emitter Voltage VCE (V)
Pulse Test
Tc = 25°C
V
GE = 7.5 V
Collector to Emitter Voltage VCE (V)
Maximum Safe Operation Area
1000
100
1
10
0.1
1
100
10
1000
Tc = 25
°C
Single pulse
100
μs
PW
=
10
μs
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
400
300
200
100
0
Case Temperature Tc (°C)
Maximum DC Collector Current vs.
Case Temperature
120
80
60
40
20
0
0
25
50
100
75
125 150 175
0
25
50
100
75
125 150 175
Case Temperature Tc (°C)
Collector Dissipation vs.
Case Temperature
100
2468
10
0
0
180
150
120
90
60
30
V
GE = 7.0 V
9.0 V
8.0 V
7.5 V
Tc = 25°C
150°C
9.0 V
15 V
10 V
8.0 V
8.5 V
8.5 V
Pulse Test
Tc = 150°C
10 V
15 V
180
150
120
90
60
30
VCE = 10 V
Pulse Test


Similar Part No. - RJH65T47DPQ-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH65T46DPQ-A0 RENESAS-RJH65T46DPQ-A0 Datasheet
346Kb / 10P
   Power Factor Correction circuit
RJH65T46DPQ-T0 RENESAS-RJH65T46DPQ-T0 Datasheet
346Kb / 10P
   Power Factor Correction circuit
More results

Similar Description - RJH65T47DPQ-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65T43DPM RENESAS-RJP65T43DPM Datasheet
143Kb / 8P
   Power Factor Correction circuit
RJH65T46DPQ-A0 RENESAS-RJH65T46DPQ-A0 Datasheet
346Kb / 10P
   Power Factor Correction circuit
logo
Fairchild Semiconductor
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com