Selected language     English  ▼


STK12C68-5L45I Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5L45I
Description  8K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
STK12C68
October 2003
6
Document Control # ML0008 rev 0.4
AutoStore™/POWER-UP RECALL
(VCC = 5.0V ± 10%)e
Note s: tRESTORE starts from the time VCC rises above VSWITCH.
Note t:
HSB is asserted low for 1
µs when VCAP drops through VSWITCH. If an SRAM WRITE has not taken place since the last nonvolatile cycle, HSB
will be released and no STORE will take place.
AutoStore™/POWER-UP RECALL
NO.
SYMBOLS
PARAMETER
STK12C68
UNITS NOTES
Standard
Alternate
MIN
MAX
27
tRESTORE
Power-up RECALL Duration
550
µss
28
tSTORE
tHLHZ
STORE Cycle Duration
10
ms
p, q, t
29
tVSBL
Low Voltage Trigger (VSWITCH) to HSB Low
300
ns
l
30
tDELAY
tBLQZ
Time Allowed to Complete SRAM Cycle
1
µsp
31
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
32
VRESET
Low Voltage Reset Level
3.9
V
30
tDELAY
29
tVSBL
POWER-UP
RECALL
BROWN OUT
NO STORE
(NO SRAM WRITES)
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
VCC RETURNS
ABOVE VSWITCH
AutoStoreTM
HSB
W
DQ (DATA OUT)
28
tSTORE
27
tRESTORE
POWER-UP RECALL
31
VSWITCH
32
VRESET
VCC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK22C482K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK11C688K x 8 nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK16C688K x 8 AutoStorePlus™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK10C688K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK18TA8nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK16C8832K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl