Selected language     English  â–Ľ


STK12C68-5L45I Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5L45I
Description  8K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 8 page
background image
STK12C68
October 2003
8
Document Control # ML0008 rev 0.4
The STK12C68 has two separate modes of opera-
tion: SRAM mode and nonvolatile mode. In SRAM
mode, the memory operates as a standard fast
static RAM. In nonvolatile mode, data is transferred
from SRAM to Nonvolatile Elements (the STORE
operation) or from Nonvolatile Elements to SRAM
(the RECALL operation). In this mode SRAM func-
tions are disabled.
NOISE CONSIDERATIONS
The STK12C68 is a high-speed memory and so
must have a high-frequency bypass capacitor of
approximately 0.1
µF connected between V
CAP and
V
SS, using leads and traces that are as short as pos-
sible. As with all high-speed CMOS ICs, normal care-
ful routing of power, ground and signals will help
prevent noise problems.
SRAM READ
The STK12C68 performs a READ cycle whenever E
and G are low and W and HSB are high. The
address specified on pins A
0-12 determines which of
the 8,192 data bytes will be accessed. When the
READ
is initiated by an address transition, the out-
puts will be valid after a delay of t
AVQV (READ cycle
#1). If the READ is initiated by E or G, the outputs will
be valid at t
ELQV or at tGLQV, whichever is later (READ
cycle #2). The data outputs will repeatedly respond
to address changes within the t
AVQV access time with-
out the need for transitions on any control input pins,
and will remain valid until another address change or
until E or G is brought high, or W or HSB is brought
low.
SRAM WRITE
A WRITE cycle is performed whenever E and W are
low and HSB is high. The address inputs must be
stable prior to entering the WRITE cycle and must
remain stable until either E or W goes high at the
end of the cycle. The data on the common I/O pins
DQ
0-7 will be written into the memory if it is valid tDVWH
before the end of a W controlled WRITE or t
DVEH
before the end of an E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
common I/O lines. If G is left low, internal circuitry
will turn off the output buffers t
WLQZ after W goes low.
POWER-UP RECALL
During power up, or after any low-power condition
(V
CAP < VRESET), an internal RECALL request will be
latched. When V
CAP once again exceeds the sense
voltage of V
SWITCH, a RECALL cycle will automatically
be initiated and will take t
RESTORE to complete.
If the STK12C68 is in a WRITE state at the end of
power-up RECALL, the SRAM data will be corrupted.
To help avoid this situation, a 10K Ohm resistor
should be connected either between W and system
V
CC or between E and system VCC.
SOFTWARE NONVOLATILE STORE
The STK12C68 software STORE cycle is initiated by
executing sequential E controlled READ cycles from
six specific address locations. During the STORE
cycle an erase of the previous nonvolatile data is
first performed, followed by a program of the nonvol-
atile elements. The program operation copies the
SRAM
data into nonvolatile memory. Once a STORE
cycle is initiated, further input and output are dis-
abled until the cycle is completed.
Because a sequence of READs from specific
addresses is used for STORE initiation, it is impor-
tant that no other READ or WRITE accesses inter-
vene in the sequence, or the sequence will be
aborted and no STORE or RECALL will take place.
To initiate the software STORE cycle, the following
READ
sequence must be performed:
1. Read address
0000 (hex)
Valid READ
2. Read address
1555 (hex)
Valid READ
3. Read address
0AAA (hex)
Valid READ
4. Read address
1FFF (hex)
Valid READ
5. Read address
10F0 (hex)
Valid READ
6. Read address
0F0F (hex)
Initiate STORE cycle
The software sequence must be clocked with E con-
trolled READs.
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the
chip will be disabled. It is important that READ cycles
and not WRITE cycles be used in the sequence,
although it is not necessary that G be low for the
sequence to be valid. After the t
STORE cycle time has
been fulfilled, the SRAM will again be activated for
READ
and WRITE operation.
DEVICE OPERATION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK22C482K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK11C688K x 8 nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK16C688K x 8 AutoStorePlus™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK10C688K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK18TA8nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK16C8832K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl