Selected language     English  ▼


STK12C68-5L45I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. STK12C68-5L45I
Description  8K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
October 2003
1
Document Control # ML0008 rev 0.4
PIN CONFIGURATIONS
VCAP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCCX
HSB
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - LCC
28 - DIP
28 - SOIC
PIN NAMES
A0 - A12
Address Inputs
DQ0 -DQ7
Data In/Out
E
Chip Enable
W
Write Enable
G
Output Enable
HSB
Hardware Store Busy (I/O)
VCCX
Power (+ 5V)
VCAP
Capacitor
VSS
Ground
STK12C68
STK12C68-M SMD#5962-94599
8K x 8 AutoStore™nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
FEATURES
• 25ns, 35ns, 45ns and 55ns Access Times
• “Hands-off” Automatic STORE with External
68
µF Capacitor on Power Down
• STORE to Nonvolatile Elements Initiated by
Hardware, Software or AutoStore™ on Power
Down
• RECALL to SRAM Initiated by Software or
Power Restore
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to Nonvolatile Ele-
ments (Commercial/Industrial)
• 100-Year Data Retention in Nonvolatile Ele-
ments (Commercial/Industrial)
• Commercial, Industrial and Military Tempera-
tures
• 28-Pin SOIC, DIP and LCC Packages
DESCRIPTION
The Simtek STK12C68 is a fast static RAM with a
nonvolatile element incorporated in each static
memory cell. The SRAM can be read and written an
unlimited number of times, while independent, non-
volatile data resides in Nonvolatile Elements. Data
transfers from the SRAM to the Nonvolatile Elements
(the STORE operation) can take place automatically
on power down. A 68
µF or larger capacitor tied from
V
CAP to ground guarantees the STORE operation,
regardless of power-down slew rate or loss of power
from “hot swapping”. Transfers from the Nonvolatile
Elements to the SRAM (the RECALL operation) take
place automatically on restoration of power. Initia-
tion of STORE and RECALL cycles can also be soft-
ware
controlled
by
entering
specific
read
sequences. A hardware STORE may be initiated with
the HSB pin.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
QUANTUM TRAP
128 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
POWER
CONTROL
A5
A6
A9
A11
A12
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
SOFTWARE
DETECT
A0 - A12
G
E
W
A8
A7
A10
A3
A2
A0 A1
A4
VCCX
VCAP
HSB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STK22C482K x 8 AutoStore™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK11C688K x 8 nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK16C688K x 8 AutoStorePlus™ nvSRAM QuantumTrap™ CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT22C10256-Bit Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK10C688K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14D8832K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK14C88-M32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STK18TA8nvTime Event Data Recorder Serial Peripheral Interface nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CAT24C44256-Bit Serial Nonvolatile CMOS Static RAM 1 2 3 4 5 MoreCatalyst Semiconductor
STK16C8832K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl