Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB551V-30 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # RB551V-30
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

RB551V-30 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  RB551V-30 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB551V-30 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB551V-30 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB551V-30 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
5
10
15
20
1
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
1
10
100
0
5
10
15
20
25
30
0.1
1
10
100
1000
0
25
50
75
100
125
0
50
100
150
200
250
Ta=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE V
R
(V)
Forward
Characteristics
FORWARD VOLTAGE V
F
(V)
500
Reverse
Characteristics
Ta=100
oC
Ta=25
oC
REVERSE VOLTAGE V
R
(V)
AMBIENT TEMPERATURE T
a
( )
Power Derating Curve
Typical Characteristics
www.cj-elec.com
2
E,Aug,2015


Similar Part No. - RB551V-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB551V-30 ROHM-RB551V-30 Datasheet
57Kb / 2P
   Schottky barrier diode
logo
Pan Jit International I...
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
   SURFACE MOUNT SCHOTTKY DIODE
logo
Jiangsu High diode Semi...
RB551V-30 HDSEMI-RB551V-30 Datasheet
1Mb / 4P
   SOD323 Plastic-Encapsulate Diodes
logo
List of Unclassifed Man...
RB551V-30 ETC-RB551V-30 Datasheet
75Kb / 1P
   Schottky Diodes
logo
Rohm
RB551V-30 ROHM-RB551V-30 Datasheet
996Kb / 4P
   Schottky barrier Diode
More results

Similar Description - RB551V-30

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com