Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB751CS-40 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # RB751CS-40
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

RB751CS-40 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  RB751CS-40 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB751CS-40 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB751CS-40 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB751CS-40 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-923 Plastic-Encapsulate Diodes
RB751CS-40
SCHOTTKY BARRIER DIODE
FEATURES
Ultra Small Surface Mounting Type
Low Forward Voltage
High Reliability
APPLICATIONS:
Low current rectification
MARKING:5
MAXIMUM RATINGS ( Ta=25
unless otherwise noted )
Symbol
Parameter
Value
Unit
VRM
Non-Repetitive Peak Reverse Voltage
40
V
IO
Forward Continuous Current
30
mA
IFSM
Non-Repetitive Peak Forward Surge Current
@t=8.3ms
200
mA
PD
Power Dissipation
100
mW
RΘJA
Thermal Resistance from Junction to Ambient
1000
℃/W
Tj
Junction Temperature
125
Tstg
Storage Temperature
-55~+150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Reverse voltage
V(BR)
IR=1mA
40
V
Reverse current
IR
VR=30V
0.5
µA
Forward voltage
VF
IF=1mA
0.37
V
Total capacitance
Ctot
VR=1V,f=1MHz
2
pF
SOD-923
www.cj-elec.com
1
E,Mar,2015
The marking bar indicates the cathode


Similar Part No. - RB751CS-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB751CS-40 ROHM-RB751CS-40 Datasheet
146Kb / 4P
   Schottky barrier diode
RB751CS-40 ROHM-RB751CS-40 Datasheet
369Kb / 4P
   Schottky barrier diode
RB751CS-40 ROHM-RB751CS-40 Datasheet
1,013Kb / 4P
   Schottky barrier diode
RB751CS-40 ROHM-RB751CS-40 Datasheet
394Kb / 6P
   Schottky Barrier Diode
logo
Yea Shin Technology Co....
RB751CS-40 YEASHIN-RB751CS-40 Datasheet
964Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - RB751CS-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com