Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB751S-40 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # RB751S-40
Description  Schottky barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

RB751S-40 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  RB751S-40 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB751S-40 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB751S-40 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd RB751S-40 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-523 Plastic-Encapsulate Diodes
RB751S-40 Schottky barrier Diode
FEATURES
Small surface mounting type
Low reverse current and low forward voltage
High reliability
2
MARKING: 5
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
30
V
Mean rectifying current
IO
30
mA
Non-repetitive Peak Forward Surge
Current@t=8.3ms
IFSM
200
mA
Electrical Ratings @Ta=25
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Forward voltage
VF
0.37
V
IF=1mA
Reverse current
IR
0.5
μA
VR=30V
Capacitance between terminals
CT
2
pF
VR=1V,f=1MHZ
SOD-523
Junction temperature
Tj
1
25
Storage temperature
Tstg
-55~+150
Power dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
667
℃/W
www.cj-elec.com
1
D,Mar,2015
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.


Similar Part No. - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
62Kb / 2P
   Schottky barrier diode
logo
Nanjing International G...
RB751S-40 DGNJDZ-RB751S-40 Datasheet
107Kb / 3P
   200mW SOD-523 SURFACE MOUNT
logo
Goodwork Semiconductor ...
RB751S-40 GWSEMI-RB751S-40 Datasheet
213Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
TRANSYS Electronics Lim...
RB751S-40 TEL-RB751S-40 Datasheet
85Kb / 2P
   Schottky barrier Diodes
logo
GUANGDONG HOTTECH INDUS...
RB751S-40 HOTTECH-RB751S-40 Datasheet
182Kb / 2P
   Plastic-Encapsulate Diodes
More results

Similar Description - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com