Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB340C801ND0LF Datasheet(PDF) 6 Page - Kemet Corporation

Part # ASB340C801ND0LF
Description  Multilayer Piezoelectric Actuators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ASB340C801ND0LF Datasheet(HTML) 6 Page - Kemet Corporation

Back Button ASB340C801ND0LF Datasheet HTML 2Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 3Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 4Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 5Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 6Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 7Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 8Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 9Page - Kemet Corporation ASB340C801ND0LF Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0102_ASB • 4/6/2016
Multilayer Piezoelectric Actuators – ASB Series Metal Sealed 85°C
Reliability
The majority of failure modes on multilayer piezoelectric actuators are short-circuits due to degraded insulation. Although the cause of
degradation of insulation has not been clarified, it has been found that the failure rate varies greatly between static uses (DC voltage
application) and dynamic uses (pulse voltage application). Like other electrical components, piezoelectric actuators can be affected by
humidity as well as applied voltage and ambient temperature. KEMET has added the metal sealed piezoelectric actuators featuring high
reliability by eliminating the effects of the ambient atmosphere.
This section describes reliability guidelines for static and dynamic usage of the metal sealed type actuators. Reliability of our multilayer
piezoelectric actuators is represented by MTTF (mean time to failure) in case of static usage. The number of repetitions is considered to
represent the reliability in the case of dynamic usage.
DC Voltage Application
MTTFr of the metal sealed type under the actual operating conditions is calculated from the reference MTTFs and the acceleration
factor as it is in the case of the resin coated type. However, since the internal element is sealed from the atmosphere, it is not affected
by the atmospheric humidity. Therefore, equation (1) below is used.
(1) MTTFr = MTTFs × A
v × At
MTTFr : Estimated value
MTTFs : Reference value (= 36,000 hours)
A
v: Acceleration factor for drive voltage = (100/VR)
2
V
R: Actual operating voltage (V)
A
t: Acceleration factor for ambient temperature = 1.5
(85 -Tr)/10
T
R Actual ambient temperature (ºC)
The following calculation is made for the case of use at 25°C, and 150 V.
MTTFr = 36,000 X (100/150)2 X 1.5(85-25)/10
= 36,000 X 0.44 X 11.3
≈ 179,000 hours (20.4 years)
Pulse Voltage Application
Similarly to the resin coated type, it is extremely difficult to estimate reliability for the metal sealed type products by using an equation.
In KEMET’s testing on the ASB170C801NP0, there was no failure confirmed up to 1,000 hours (equivalent to 100 million pulses applied)
under the conditions below:
Temperature: 85 ±2°C
Humidity: 90 to 95% RH
Load: 200 N to 500 N (20 kgf to 50 kgf)
Drive voltage waveform: rectangular wave, 30 Hz, 0 to 100 V, duty ratio at 30%


Similar Part No. - ASB340C801ND0LF

ManufacturerPart #DatasheetDescription
logo
NEC
ASB340C801NP0LF NEC-ASB340C801NP0LF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
More results

Similar Description - ASB340C801ND0LF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com