Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASB680C801ND0LF Datasheet(PDF) 2 Page - Kemet Corporation

Part # ASB680C801ND0LF
Description  Multilayer Piezoelectric Actuators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ASB680C801ND0LF Datasheet(HTML) 2 Page - Kemet Corporation

  ASB680C801ND0LF Datasheet HTML 1Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 2Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 3Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 4Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 5Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 6Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 7Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 8Page - Kemet Corporation ASB680C801ND0LF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0102_ASB • 4/6/2016
Multilayer Piezoelectric Actuators – ASB Series Metal Sealed 85°C
Female Thread Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Female thread type
Flange type
P type
No flange type
D type
90°
φ2.2
Product appearance example
14 Multilayer Piezoelectric Actuators Vol.08
Model
L (mm)
ASB170C801ND0LF
38.4
ASB340C801ND0LF
58.4
ASB510C801ND0LF
78.4
ASB680C801ND0LF
98.4
Flange Type
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Female thread type
Flange type
P type
No flange type
D type
90°
φ2.2
Product appearance example
14 Multilayer Piezoelectric Actuators Vol.08
Model
L (mm)
ASB170C801FD0LF
32.4
ASB340C801FD0LF
52.4
ASB510C801FD0LF
72.4
ASB680C801FD0LF
92.4
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Dimensions(Common to ASB, ASL and AHB Series)
●Female thread type
●Flange type
Enlarged of section A
P type
TOP VIEW
BOTTOM VIEW
[mm]
Section A
17
φ19.6±0.5
φ11.5±0.5
17
M4 screw of min. 3 deep
*Lead wire: AWG26, UL1993
Red color:(+)
White color:(-)
Prepared hole of max. 5 deep
19±0.5
9±0.2
2.5±0.2
130±10
L±0.5
2
D type
φ2.2
90°
[mm]
Section A
17
φ35±0.5
φ11.5±0.5
4-φ3.5
TOP VIEW
BOTTOM VIEW
45°
45°
130±10
L±0.5
2
P.C.D.28
13.0±0.5
3.0±0.2
2.5±0.2
Enlarged of section A
P type
*Lead wire: AWG26, UL1993
Red color:(+)
White color:(-)
D type
φ2.2
90°
Model
L(mm)
ASB170C801NP0LF
38.4
ASL170C801NP0LF
ASB340C801NP0LF
58.4
ASL340C801NP0LF
ASB510C801NP0LF
78.4
ASL510C801NP0LF
ASB680C801NP0LF
98.4
ASL680C801NP0LF
Model
L(mm)
AHB550C801NP0LF
58.4
AHB700C801NP0LF
78.4
AHB800C801NP0LF
78.4
*Both P type and D type have the same
overall lengths
Model
L(mm)
ASB170C801FP0LF
32.4
ASL170C801FP0LF
ASB340C801FP0LF
52.4
ASL340C801FP0LF
ASB510C801FP0LF
72.4
ASL510C801FP0LF
ASB680C801FP0LF
92.4
ASL680C801FP0LF
Model
L(mm)
AHB550C801FP0LF
52.4
AHB700C801FP0LF
72.4
AHB800C801FP0LF
72.4
*Both P type and D type have the same
overall lengths
16 Multilayer Piezoelectric Actuators Vol.08
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Dimensions(Common to ASB, ASL and AHB Series)
●Female thread type
●Flange type
Enlarged of section A
P type
TOP VIEW
BOTTOM VIEW
[mm]
Section A
17
φ19.6±0.5
φ11.5±0.5
17
M4 screw of min. 3 deep
*Lead wire: AWG26, UL1993
Red color:(+)
White color:(-)
Prepared hole of max. 5 deep
19±0.5
9±0.2
2.5±0.2
130±10
L±0.5
2
D type
φ2.2
90°
[mm]
Section A
17
φ35±0.5
φ11.5±0.5
4-φ3.5
TOP VIEW
BOTTOM VIEW
45°
45°
130±10
L±0.5
2
P.C.D.28
13.0±0.5
3.0±0.2
2.5±0.2
Enlarged of section A
P type
*Lead wire: AWG26, UL1993
Red color:(+)
White color:(-)
D type
φ2.2
90°
Model
L(mm)
ASB170C801NP0LF
38.4
ASL170C801NP0LF
ASB340C801NP0LF
58.4
ASL340C801NP0LF
ASB510C801NP0LF
78.4
ASL510C801NP0LF
ASB680C801NP0LF
98.4
ASL680C801NP0LF
Model
L(mm)
AHB550C801NP0LF
58.4
AHB700C801NP0LF
78.4
AHB800C801NP0LF
78.4
*Both P type and D type have the same
overall lengths
Model
L(mm)
ASB170C801FP0LF
32.4
ASL170C801FP0LF
ASB340C801FP0LF
52.4
ASL340C801FP0LF
ASB510C801FP0LF
72.4
ASL510C801FP0LF
ASB680C801FP0LF
92.4
ASL680C801FP0LF
Model
L(mm)
AHB550C801FP0LF
52.4
AHB700C801FP0LF
72.4
AHB800C801FP0LF
72.4
*Both P type and D type have the same
overall lengths
16 Multilayer Piezoelectric Actuators Vol.08


Similar Part No. - ASB680C801ND0LF

ManufacturerPart #DatasheetDescription
logo
NEC
ASB680C801NP0LF NEC-ASB680C801NP0LF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
More results

Similar Description - ASB680C801ND0LF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com