Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE1010D16DF Datasheet(PDF) 8 Page - Kemet Corporation

Part # AE1010D16DF
Description  Multilayer Piezoelectric Actuators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AE1010D16DF Datasheet(HTML) 8 Page - Kemet Corporation

Back Button AE1010D16DF Datasheet HTML 4Page - Kemet Corporation AE1010D16DF Datasheet HTML 5Page - Kemet Corporation AE1010D16DF Datasheet HTML 6Page - Kemet Corporation AE1010D16DF Datasheet HTML 7Page - Kemet Corporation AE1010D16DF Datasheet HTML 8Page - Kemet Corporation AE1010D16DF Datasheet HTML 9Page - Kemet Corporation AE1010D16DF Datasheet HTML 10Page - Kemet Corporation AE1010D16DF Datasheet HTML 11Page - Kemet Corporation AE1010D16DF Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
P0101_AE • 4/6/2016
Multilayer Piezoelectric Actuators – AE Series Resin Coated
User’s Guide
Fixing Method
• Carefully prevent the piezoelectric actuators from being bent, twisted or applied tensile force.
Reference: Twisting and Tension Tolerance
Reference Value
Remarks
Twisting Force
3 × 10-1 N • m or less
For an actuator which generates a force of
800 N (compression resistance).
Tension
50 N or less
• Install the actuator so that the center axis of the generated displacement is aligned with the center axis of the load.
• Epoxy-based adhesives are recommended for bonding. Select adhesives that have high rigidity and allow for medium thickness so
that the generation force and displacement cannot be deteriorated. Also, do not form adhesives on the side of the actuator.
• When thermosetting resin is used, perform polarizing treatment (see caution section) after the adhesive is settled.
• The resin coated type is weak to the tensile force due to its structure and may be broken when tensile forces are applied onto the
device. Using the device in the state that constantly applies compression is effective against any mechanical damage. The pressure
applied to this element should be kept at 20% to 50% of the force generated by this element (compression resistance).
• Install the element so that the axis of generated displacement is vertical to the mounting surface.
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.02.06 9470MPAVOL08E1501H1
Fixing Method:
● Carefully prevent the piezo actuators from being bent, being twisted, or being applied tensile force.
Reference: Guide for tolerance of twisting and tension
Reference value
Remarks
Twisting force
3×10-1N・m or less
For an actuator which generates a force of 800 N
(compression resistance)
Tension
50 N or less
● Install the actuator so that the center axis of generated displacement is aligned with the center axis of the load.
a. Resin-coated type
• Epoxy-based adhesives are recommended for bonding. Select adhesives that have high rigidity and
allow minimum thickness so that the generation force and displacement cannot be deteriorated. Also do
not form adhesives at the side of actuator.
• When thermosetting resin is used, perform polarizing treatment(see the caution section)again after the
adhesive is settled.
• The resin-coated type is weak to tensile force because of its structure and may be broken when tensile
force is applied onto the device. Using the device in the state that constantly applies compression is
effective against any mechanical damage. The pressure applied to this element should be kept at 20 to
50% of the force generated by this element(compression resistance).
• Install the element so that the axis of generated displacement is vertical to the mounting surface.
b. Metal sealed type
• Select the mounting bracket(female thread type or flange type)according to the mounting method, and
install the element utilizing the bracket.
• Fix the element securely so that the generated force and displacement cannot be deteriorated.
• Connect the driven item at the displacement generating end after securing the mounting portion so that
it avoids unnecessary stress applied at the time of installation.
• Though this product is designed to apply a compressive force to the internal element by the metal case, avoid
any usages that cause bending, twisting, or tension force when the device is in use
Example of Actuator mounting:
Guide to Use
Driving Method:
● Connect the red lead wire to the positive(+)terminal of the power supply. Also prevent reverse voltage application.
● Basically the voltage controls the aimed displacement and generated force. In driving, however, it is also necessary
to take ringing due to the resonance or hysteresis of the element itself into consideration. In pulse driving, it is further
necessary to pay sufficient attention to heat generation due to dielectric loss, charge/discharge current due to the
capacitive component and the power output impedance as well. Please refer to the separately printed
literature, “NEC TOKIN Multilayer Piezoelectric Actuators User’s Manual”
Spherical surface
Hinge
Piezo Actuator
Piezo Actuator
Moving part or load
Only one side is touching the actuator.
(Stress is concentrated on one edge
and generates share mode stress)
The actuator may break.
Piezo Actuator
Piezo Actuator
Piezo Actuator
Piezo Actuator
a) Example of wrong mounting
Imperfect alignment between actuator and load
<Actuator will be broken>
b) Example of correct mounting
Mount the device so that the load is uniformly
applied by the spherical surface or the hinge
Moving part or load
24 Multilayer Piezoelectric Actuators Vol.08
Driving Method
• Connect the red lead wire to the positive (+) terminal of the power supply. Also prevent reverse voltage application.
• In driving applications, it is necessary to take consideration of hysteresis, ringing, creep, and other similar phenomenons. For pulse
driving, it is also necessary to be aware of self-heat generation, charge/discharge current, and the power supply’s impedance.


Similar Part No. - AE1010D16DF

ManufacturerPart #DatasheetDescription
logo
NEC
AE1010D16DF NEC-AE1010D16DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
Kemet Corporation
AE1010D16DF KEMET-AE1010D16DF Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
More results

Similar Description - AE1010D16DF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ASB170C801ND0LF KEMET-ASB170C801ND0LF Datasheet
460Kb / 12P
   Multilayer Piezoelectric Actuators
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Kemet Corporation
AE0505D44H40D-H0F KEMET-AE0505D44H40D-H0F Datasheet
5Mb / 30P
   Multilayer Piezoelectric Actuators AE Series Resin Coated
AER13.6X10X10DF KEMET-AER13.6X10X10DF Datasheet
1Mb / 17P
   Multilayer Piezoelectric Actuators AER Series Resin Coated, Ring Shape
AE1010D44H40DF KEMET-AE1010D44H40DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE035035D18H18DF KEMET-AE035035D18H18DF Datasheet
65Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AE0707D16DF KEMET-AE0707D16DF Datasheet
70Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
AER20X15.4X10DF KEMET-AER20X15.4X10DF Datasheet
63Kb / 1P
   KEMET, AER, Piezo Actuators, Multilayer
AE0505D08D-H0F KEMET-AE0505D08D-H0F Datasheet
64Kb / 1P
   KEMET, AE, Piezo Actuators, Multilayer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com