Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4BSNBX3470Z_F_ Datasheet(PDF) 2 Page - Kemet Corporation

Part # C4BSNBX3470Z_F_
Description  BOX CAPACITORS, IGBT APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C4BSNBX3470Z_F_ Datasheet(HTML) 2 Page - Kemet Corporation

  C4BSNBX3470Z_F_ Datasheet HTML 1Page - Kemet Corporation C4BSNBX3470Z_F_ Datasheet HTML 2Page - Kemet Corporation C4BSNBX3470Z_F_ Datasheet HTML 3Page - Kemet Corporation C4BSNBX3470Z_F_ Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
14
C4BS
MKP Series
BOX CAPACITORS
IGBT APPLICATIONS
PEAK VOLTAGE TABLE
Un
850 V
1000 V
1200 V
2000 V
3000 V
Û
MAX
1200 V
1300 V
1600 V
2400 V
3500 V
GENERAL CHARACTERISTICS
Code
C
Un
U
RMS
dV/dt
I
PKR
ESR
max @ 100 kHz
ESL
I
RMS
100 kHz @ 70°C
DIMENSIONS
mm
µF
Vdc
Vac
V/µs
A
mΩ
nH
A
B
H
L
C4BSMBX3470ZEE_
0.47
850
550
1232
579
4.2
36
20
18
33
32
C4BSMBX3470Z_F_
0.47
850
550
758
356
8.2
41
16
20
40
41.5
C4BSMBX3680Z_F_
0.68
850
550
758
516
5.7
41
19
20
40
41.5
C4BSMBX4100Z_F_
1
850
550
758
758
4.0
41
22
20
40
41.5
C4BSMBX4150Z_J_
1.5
850
550
758
1138
2.7
36
29
28
37
42.5
C4BSMBX4200Z_L_
2
850
550
758
1517
2.1
43
36
30
45
42
C4BSMBX4220Z_L_
2.2
850
550
758
1668
1.9
43
37
30
45
42
C4BSMBX4250Z_M_
2.5
850
550
469
1174
1.7
45
39
30
45
57.5
C4BSMBX4300Z_M_
3
850
550
469
1408
3.0
45
32
30
45
57.5
C4BSMBX4330Z_M_
3.3
850
550
469
1549
2.8
45
33
30
45
57.5
C4BSMBX4400Z_N_
4
850
550
469
1878
2.3
48
36
35
50
57.5
C4BSMBX4500Z_N_
5
850
550
469
2347
1.9
48
42
35
50
57.5
C4BSNBX3470ZEE_
0.47
1000
600
1344
632
3.9
36
20
18
33
32
C4BSNBX3470Z_F_
0.47
1000
600
827
389
7.6
41
16
20
40
41.5
C4BSNBX3680Z_F_
0.68
1000
600
827
563
5.3
41
20
20
40
41.5
C4BSNBX4100Z_F_
1
1000
600
827
827
3.7
41
23
20
40
41.5
C4BSNBX4150Z_J_
1.5
1000
600
827
1241
2.5
36
30
28
37
42.5
C4BSNBX4200Z_L_
2
1000
600
827
1655
2.0
43
36
30
45
42
C4BSNBX4220Z_M_
2.2
1000
600
512
1127
3.8
45
29
30
45
57.5
C4BSNBX4250Z_M_
2.5
1000
600
512
1280
3.3
45
30
30
45
57.5
C4BSNBX4300Z_M_
3
1000
600
512
1536
2.8
45
33
30
45
57.5
C4BSNBX4330Z_M_
3.3
1000
600
512
1690
2.6
45
34
30
45
57.5
C4BSNBX4400Z_N_
4
1000
600
512
2049
2.2
48
40
35
50
57.5
C4BSPBX3330ZEE_
0.33
1200
630
1568
518
5.0
36
19
18
33
32
C4BSPBX3330Z_F_
0.33
1200
630
965
319
9.5
41
15
20
40
41.5
C4BSPBX3470Z_F_
0.47
1200
630
965
454
6.7
41
18
20
40
41.5
C4BSPBX3680Z_F_
0.68
1200
630
965
656
4.7
41
21
20
40
41.5
C4BSPBX4100Z_J_
1
1200
630
965
965
3.3
36
27
28
37
42.5
C4BSPBX4120Z_J_
1.2
1200
630
965
1158
2.8
36
29
28
37
42.5
C4BSPBX4150Z_L_
1.5
1200
630
965
1448
2.3
43
34
30
45
42
C4BSPBX4200Z_M_
2
1200
630
598
1195
3.6
45
29
30
45
57.5
C4BSPBX4220Z_M_
2.2
1200
630
598
1315
3.3
45
30
30
45
57.5
C4BSPBX4250Z_M_
2.5
1200
630
598
1494
2.9
45
32
30
45
57.5
C4BSPBX4300Z_N_
3
1200
630
598
1793
2.5
48
37
35
50
57.5
C4BSPBX4330Z_N_
3.3
1200
630
598
1972
2.3
48
39
35
50
57.5
C4BSWBX3100ZEE_
0.1
2000
700
2241
224
12.9
36
12
18
33
32
C4BSWBX3100Z_F_
0.1
2000
700
1379
138
23.3
41
10
20
40
41.5
C4BSWBX3150ZEE_
0.15
2000
700
2241
336
8.6
36
15
18
33
32
C4BSWBX3150Z_F_
0.15
2000
700
1379
207
15.6
41
12
20
40
41.5
C4BSWBX3220Z_F_
0.22
2000
700
1379
303
10.7
41
14
20
40
41.5
C4BSWBX3330Z_F_
0.33
2000
700
1379
455
7.2
41
17
20
40
41.5
C4BSWBX3470Z_F_
0.47
2000
700
1379
648
5.1
41
20
20
40
41.5
C4BSWBX3680Z_H_
0.68
2000
700
1379
938
3.6
43
26
24
44
41.5
C4BSWBX3820Z_L_
0.82
2000
700
1379
1131
3.0
43
30
30
45
42
C4BSWBX4100Z_M_
1
2000
700
854
854
5.1
45
24
30
45
57.5
C4BSWBX4120Z_M_
1.2
2000
700
854
1024
4.3
45
26
30
45
57.5
C4BSWBX4150Z_N_
1.5
2000
700
854
1280
3.5
48
31
35
50
57.5
C4BSYBX2470ZEE_
0.047
3000
750
3361
158
21.9
36
10
18
33
32
C4BSYBX2470Z_F_
0.047
3000
750
2068
97
36.6
41
8
20
40
41.5
C4BSYBX2680ZEE_
0.068
3000
750
3361
229
15.2
36
12
18
33
32
C4BSYBX2680Z_F_
0.068
3000
750
2068
141
25.4
41
10
20
40
41.5
C4BSYBX3100Z_F_
0.1
3000
750
2068
207
17.3
41
12
20
40
41.5
C4BSYBX3220Z_F_
0.22
3000
750
2068
455
8.0
41
17
20
40
41.5
C4BSYBX3330Z_L_
0.33
3000
750
2068
683
5.4
43
24
30
45
42
C4BSYBX3470Z_M_
0.47
3000
750
1280
602
7.5
45
20
30
45
57.5
C4BSYBX3680Z_N_
0.68
3000
750
1280
871
5.3
48
23
35
50
57.5
C4BSYBX3820Z_N_
0.82
3000
750
1280
1050
4.4
48
28
35
50
57.5


Similar Part No. - C4BSNBX3470Z_F_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4BSNBX3470ZEEK KEMET-C4BSNBX3470ZEEK Datasheet
128Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results

Similar Description - C4BSNBX3470Z_F_

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MKP KEMET-MKP Datasheet
278Kb / 4P
   BOX CAPACITORS
logo
ON Semiconductor
AFGB30T65SQDN ONSEMI-AFGB30T65SQDN Datasheet
235Kb / 9P
   IGBT for Automotive Applications
January, 2019 ??Rev. 0
logo
Dubilier
LBMP0.47100K7.5-TR DUBILIER-LBMP0.47100K7.5-TR Datasheet
237Kb / 6P
   CAPACITORS BOX POLYESTER LBMP
LBPP0.1160K7.5 DUBILIER-LBPP0.1160K7.5 Datasheet
205Kb / 6P
   CAPACITORS BOX POLYPROPYLENE LBPP
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Dubilier
MMP10470NKTR DUBILIER-MMP10470NKTR Datasheet
237Kb / 2P
   CAPACITORS 5mm BOX POLYESTER MMP
DMP1010NJTR DUBILIER-DMP1010NJTR Datasheet
151Kb / 2P
   CAPACITORS 5mm BOX POLYESTER DMP
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
160 CDE-160_17 Datasheet
442Kb / 6P
   Radial Box Metallized Polyester Capacitors
logo
STMicroelectronics
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
   Developing IGBT applications using an TD350 advanced IGBT driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com