Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88GG Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88GG
Description  8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88GG Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP87L88GG Datasheet HTML 1Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 2Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 3Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 4Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 5Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 6Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 7Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 8Page - National Semiconductor (TI) COP87L88GG Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AC Electrical Characteristics b40 C s TA s a85 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Crystal Resonator
27V s VCC s 45V
25
DC
m
s
45V s VCC s 55V
1
DC
m
s
RC Oscillator
27V s VCC s 45V
75
DC
m
s
45V s VCC s 55V
3
DC
m
s
Inputs
tSETUP
45V s VCC s 55V
200
ns
27V s VCC s 45V
500
ns
tHOLD
45V s VCC s 55V
60
ns
27V s VCC s 45V
150
ns
Output Propagation Delay (Note 6)
RL e 22k CL e 100 pF
tPD1 tPD0
SO SK
45V s VCC s 55V
07
m
s
27V s VCC s 45V
175
m
s
All Others
45V s VCC s 55V
10
m
s
27V s VCC s 45V
25
m
s
MICROWIRE Setup Time (tUWS)VCC t 45V
20
ns
MICROWIRE Hold Time (tUWH)VCC t 45V
56
ns
MICROWIRE Output Propagation Delay (tUPD)VCC t 45V
220
ns
Input Pulse Width (Note 7)
Interrupt Input High Time
10
tc
Interrupt Input Low Time
10
tc
Timer 1 2 3 Input High Time
10
tc
Timer 1 2 3 Input Low Time
10
tc
Reset Pulse Width
10
m
s
tc e Instruction Cycle Time
Note 1
Maximum rate of voltage change must be k 05 Vms
Note 2
Supply and IDLE currents are measured with CKI driven with a square wave Oscillator CKO driven 180 out of phase with CKI inputs connected to VCC
and outputs driven low but not connected to a load
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations by bringing CKI high Test Conditions All inputs tied to VCC L and G
ports in the TRI-STATE mode and tied to ground all outputs low and tied to ground The clock monitor is disabled
Note 4
The user must guarantee that D2 pin does not source more than 10 mA during RESET If D2 sources more than 10 mA during reset the device will go into
programming mode
Note 5
Pins G6 and RESET are designed with a high voltage input network These pins allow input voltages l VCC and the pins will have sink current to VCC when
biased at voltages l VCC (the pins do not have source current when biased at a voltage below VCC) The effective resistance to VCC is 750X (typical) These two
pins will not latch up The voltage at the pins must be limited to k 14V WARNING Voltages in excess of 14V will cause damage to the pins This warning
excludes ESD transients
Note 6
The output propagation delay is referenced to the end of the instruction cycle where the output change occurs
Note 7
Parameter characterized but not tested
http
www nationalcom
5


Similar Part No. - COP87L88GG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88GG NSC-COP87L88GG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
More results

Similar Description - COP87L88GG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com