Electronic Components Datasheet Search |
|
C4BSWBX3680Z_H_ Datasheet(PDF) 1 Page - Kemet Corporation |
|
C4BSWBX3680Z_H_ Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 4 page 13 C4B MKP Series BOX CAPACITORS IGBT APPLICATIONS General characteristics - Self-Healing - Low losses - High ripple current - High contact reliability - Suitable for high frequency applications General technical data VDE 0560 - IEC61071 - EN61071 Application class (DIN 40040) GPD / LS Temperature range (Case) -40 to + 85 °C Max permissible ambient temperature +70 °C Capacitance tolerance code (15th digit ) J = ± 5 % ; K = ± 10% Peak non-repetitive max current I PKR x 1.5 Test voltage terminal to terminal U TT 2 Un for 10 seconds Test voltage terminal to case U TC 3kV - 50Hz for 60 seconds Dissipation factor (tgδ) ≤ 5 x 10-4 at 1 kHz and 20 °C Permissible relative humidity Annual average ≤ 95% on 30 days / year, continuously 100% on other days occasionally 100%. Dewing not admissible IEC climatic category 40 / 85 / 56 according to IEC 68-1 Capacitance deviation in the operating temperature range of –40 to +85 °C ±1.5% max on capacitance value measured at +20 °C Change of capacitance versus operating time -3% after 30.000 hours at U RMS or after 100.000 hours at Un Case components Solvent resistant plastic case with epoxy resin sealing. Flame retardant execution (UL class 94 V0). Terminals Tinned brass lugs Installation Whatever Position Life Expectancy ≥ 30.000 hours at U RMS; ≥ 100.000 hours at Un Failure quota 300 / 109 components hour TECHNICAL DATA B L 6.2 10 17 |
Similar Part No. - C4BSWBX3680Z_H_ |
|
Similar Description - C4BSWBX3680Z_H_ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |