Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B992 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7B992
Description  Programmable Skew Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B992 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7B992 Datasheet HTML 1Page - Cypress Semiconductor CY7B992 Datasheet HTML 2Page - Cypress Semiconductor CY7B992 Datasheet HTML 3Page - Cypress Semiconductor CY7B992 Datasheet HTML 4Page - Cypress Semiconductor CY7B992 Datasheet HTML 5Page - Cypress Semiconductor CY7B992 Datasheet HTML 6Page - Cypress Semiconductor CY7B992 Datasheet HTML 7Page - Cypress Semiconductor CY7B992 Datasheet HTML 8Page - Cypress Semiconductor CY7B992 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7B991
CY7B992
Document #: 38-07138 Rev. **
Page 5 of 15
Capacitance[12]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
10
pF
Note:
12. Applies to REF and FB inputs only. Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
7B991–4
7B991–5
TTL AC Test Load (CY7B991)
TTL Input Test Waveform (CY7B991)
5V
R1
R2
CL
R1
R2
CL
7B991–6
CMOS AC Test Load (CY7B992)
3.0V
2.0V
Vth =1.5V
0.8V
0.0V
≤1ns
≤1ns
2.0V
0.8V
Vth =1.5V
80%
Vth =VCC/2
20%
0.0V
≤3ns
≤3ns
80%
20%
Vth =VCC/2
7B991–7
CMOS Input Test Waveform (CY7B992)
VCC
R1=130
R2=91
CL =50 pF (CL =30 pF for –2 and –5 devices)
(Includes fixture and probe capacitance)
R1=100
R2=100
CL =50 pF (CL
(Includes fixture and probe capacitance)
VCC
=30 pF for –2 and –5 devices)


Similar Part No. - CY7B992

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B992 CYPRESS-CY7B992 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B992 CYPRESS-CY7B992 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B992-2JC CYPRESS-CY7B992-2JC Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B992-2JCT CYPRESS-CY7B992-2JCT Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B992-5JC CYPRESS-CY7B992-5JC Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B992

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com