Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REL70-4003 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # REL70-4003
Description  70 Watt Open Frame Switching Power Supply with PFC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

REL70-4003 Datasheet(HTML) 3 Page - Astrodyne Corporation

  REL70-4003 Datasheet HTML 1Page - Astrodyne Corporation REL70-4003 Datasheet HTML 2Page - Astrodyne Corporation REL70-4003 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
70 Watt Open Frame Switching Power Supply with PFC
REL70 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
THERMAL PERFORMANCE
1 – Optimum2 – Good3 – Good4 - Fair
RECOMMENDED AIR FLOW DIRECTION
OPEN FRAME
T1
T1
MULTIPLE OUTPUT MODEL
SINGLE OUTPUT MODEL
1.22 (30.9)
2
1
.128 DIA
1.00 (25.4)
(4 PLACES)
MTG HOLE
O
O
O
O
O
O
(+)
(+)
8
7
(+)
(-)
(+)
6
5
4
O
O
(-)
(-)
(-)
1
P2
4
3
GND
INPUT
AC
N
P1
L
AC
INPUT
GND
L
N
P1
MAX
.80 (20.3)
3.20 (81.3).65 (16.5)
2.20 (55.9)
2.50 (63.5)
4.50 (114.3)
4.20 (106.7)
.15 (3.8) TYP
P2
1
P2
1
P3
2
6
1
5
SENSE
(+)
2
(-)
6(+)
3
4
(-)
(-)
P.F. RTN
P.F. SIG
OUTPUT 1
SENSE
P3
1(+)
OUTPUT 1
P3
1
P3
2
1(-)
(+)P.F. SIG
P.F. RTN
6(+)
8
7(-)
(+)
(+)
2
5
4
3
(-)
(+)
(-)
P2
1(-)
OUTPUT 2
OUTPUT 1
OUTPUT 1
OUTPUT 4
OUTPUT 3
OUTPUT 3
OUTPUT 2
OUTPUT 4
V1 ADJUST
V1 ADJUST
5
2
3
CHASSIS & COVER
4.20 (106.7)
MTG HOLE
(2 PLACES)
4-40
2
3
4
1
1.48 (37.6)
.68 (17.2)
2.20 (55.9)
2.62 (66.5)
MTG HOLE
(4 PLACES-BASE)
4-40
4.79 (121.6)
4.20 (106.7)
ALL DIMENSIONS IN INCHES (MM)
0
10
20
30
40
50
60
70
010203040506070
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS / COVER
FORCED AIR COOLING
CONVECTION COOLING
CONVECTION COOLING
WITH CHASIS / COVER
FORCED AIR COOLING
CONNECTOR SPECIFICATIONS
P1 AC Input
.156 friction lock header mates with Molex 09-50-3031 crimp terminal
housing with Molex 2478 crimp terminal
P2 DC Output (Single)
.156 friction lock header mates with Molex 09-50-3181 crimp terminal
housing with Molex 2478 crimp terminal
P2 DC Output (Multiple)
.156 friction lock header mates with Molex 09-50-3181 crimp terminal
housing with Molex 2478 crimp terminal
G Ground
.187 quick disconnect terminal
P3 P.F Sense (Single)
.100 breakaway header mates with Molex 22-55-2061 crimp terminal
housing with Molex 71851crimp terminal
P3 Power Fail (Multiple)
.100 breakaway header mates with Molex 50-57-9002 crimp terminal
housing with Molex 71851 crimp terminal


Similar Part No. - REL70-4003

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL70-4003 ASTRODYNE-REL70-4003 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
More results

Similar Description - REL70-4003

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
   40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com