Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812X104J4JACTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C1812X104J4JACTU
Description  Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812X104J4JACTU Datasheet(HTML) 3 Page - Kemet Corporation

  C1812X104J4JACTU Datasheet HTML 1Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 2Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 3Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 4Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 5Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 6Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 7Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 8Page - Kemet Corporation C1812X104J4JACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1087_U2J_FT-CAP_SMD • 6/7/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0603
1608
1.60 (0.063)±0.17 (0.007) 0.80 (0.032)±0.15 (0.006)
See Table 2
for Thickness
0.45 (0.018)±0.15 (0.006)
0.58 (0.023)
Solder wave
or
Solder reflow
0805
2012
2.00 (0.079)±0.30 (0.012) 1.25 (0.049)±0.30 (0.012)
0.50 (0.02)±0.25 (0.010)
0.75 (0.030)
1206
3216
3.30 (0.130)±0.40 (0.016) 1.60 (0.063)±0.35(0.013)
0.60 (0.024)±0.25 (0.010)
N/A
1210
3225
3.30 (0.130)±0.40 (0.016) 2.60(0.102)±0.30(0.012)
0.60 (0.024)±0.25 (0.010)
Solder reflow only
1812
4532
4.50 (0.178)±0.40 (0.016) 3.20 (0.126)±0.30 (0.012)
0.70 (0.028)±0.35 (0.014)
Qualification/Certification
Commercial Grade products are subject to internal qualification. Details regarding test methods and conditions are referenced in
Table 4, Performance & Reliability.
Environmental Compliance
Lead (Pb)-Free, RoHS, and REACH compliant without exemptions.
Preliminary Data Sheet


Similar Part No. - C1812X104J4JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812X104J1GACAUTO KEMET-C1812X104J1GACAUTO Datasheet
59Kb / 1P
   SMD Auto C0G Flex, Ceramic, 0.1 uF, 5%, 100 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade, 1812
C1812X104J1GACTU KEMET-C1812X104J1GACTU Datasheet
59Kb / 1P
   SMD Comm C0G Flex, Ceramic, 0.1 uF, 5%, 100 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 1812
More results

Similar Description - C1812X104J4JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com