Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805C104G5JACTU Datasheet(PDF) 3 Page - Kemet Corporation

Part # C0805C104G5JACTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C104G5JACTU Datasheet(HTML) 3 Page - Kemet Corporation

  C0805C104G5JACTU Datasheet HTML 1Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 2Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 3Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 4Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 5Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 6Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 7Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 8Page - Kemet Corporation C0805C104G5JACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1086_U2J • 6/7/2016
3
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – U2J Dielectric, 10 - 50 VDC (Commercial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0402
1005
1.00 (0.040)±0.05 (0.002) 0.50 (0.020)± 0.05 (0.002)
0.30 (0.012)±0.10 (0.004)
0.30 (0.012)
0603
1608
1.60 (0.063)±0.15 (0.006) 0.80 (0.032)±0.15 (0.006)
0.35 (0.014)±0.15 (0.006)
0.70 (0.028)
Solder wave
or
Solderreflow
0805
2012
2.00 (0.079)±0.20 (0.008) 1.25 (0.049)±0.20 (0.008)
0.50 (0.02)±0.25 (0.010)
0.75 (0.030)
1206
3216
3.20 (0.126)±0.20 (0.008) 1.60 (0.063)±0.20 (0.008)
0.50 (0.02)±0.25 (0.010)
N/A
1210
3225
3.20 (0.126)±0.20 (0.008) 2.50 (0.098)±0.20 (0.008)
0.50 (0.02)±0.25 (0.010)
Solderreflowonly
1812
4532
4.50 (0.177)±0.30 (0.012) 3.20 (0.126)±0.30 (0.012)
0.60 (0.024)±0.35 (0.014)
Preliminary Data Sheet


Similar Part No. - C0805C104G5JACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C104G5GAC KEMET-C0805C104G5GAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C0805C104G5GACAUTO KEMET-C0805C104G5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
C0805C104G5GACAUTO KEMET-C0805C104G5GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
C0805C104G5GACTU KEMET-C0805C104G5GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C0805C104G5GACTU KEMET-C0805C104G5GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
More results

Similar Description - C0805C104G5JACTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com