Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIR1703 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIR1703
Description  DIGITAL AUDIO INTERFACE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIR1703 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DIR1703 Datasheet HTML 1Page - Burr-Brown (TI) DIR1703 Datasheet HTML 2Page - Burr-Brown (TI) DIR1703 Datasheet HTML 3Page - Burr-Brown (TI) DIR1703 Datasheet HTML 4Page - Burr-Brown (TI) DIR1703 Datasheet HTML 5Page - Burr-Brown (TI) DIR1703 Datasheet HTML 6Page - Burr-Brown (TI) DIR1703 Datasheet HTML 7Page - Burr-Brown (TI) DIR1703 Datasheet HTML 8Page - Burr-Brown (TI) DIR1703 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DIR1703
SLES007– JULY 2001
5
www.ti.com
electrical characteristics, all specifications at TA = 25°C, VCC = VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
VIH (5)
2
5.5
VIL (5)
0.8
VIH2 (6)
Input logic level
70%VDD
VDC
VIL2 (6)
Input logic level
30%VDD
VDC
VIH3 (7)
70%VDD
5.5
VIL3 (7)
30%VDD
VOH (8)
IO = 1 mA
VDD–0.4
VOL (8)
Output logic level
IO = –2 mA
0.5
VDC
VOH (9)
Output logic level
IO = 2 mA
VDD–0.4
VDC
VOL (9)
IO = –4 mA
0.5
IIH(10)
VIN = VDD
65
100
IIL(10)
VIN = 0 V
–10
10
IIH(11)
Input leakage current
VIN = VDD
–10
10
µA
IIL(11)
Input leakage current
VIN = 0 V
–100
–65
µA
IIH(6)
VIN = VDD
–10
10
IIL(6)
VIN = 0 V
–10
10
fs(12)
Input sampling frequency
32
96
kHz
SCKO
System clock frequency
4.096
128/256/
384/512 fs
49.152
MHz
tj
SCKO clock jitter
75
ps RMS
SCKO duty cycle
50%
XTI clock accuracy
–500
See
Table 3
500
ppm
S/PDIF INPUT
Duty cycle
VIN = 1.5 V, fs = 96 kHz
15%
85%
Jitter
VIN = 1.5 V
±10
ns p-p
POWER SUPPLY REQUIREMENTS
VDD, VCC
Voltage range
3
3.3
3.6
VDC
ICC (VCC)
Supply current (see Note 13)
3.4
4.7
mA
IDD (VDD)
Supply current (see Note 13)
26
36
mA
PD
Power dissipation
100
mW
TEMPERATURE RANGE
Operation temperature
–25
85
°C
θJA
Thermal resistance
28-pin SSOP
100
°C/W
NOTES:
5. TTL compatible, except pins 8, 20: XTI, DIN.
6. Pin 8: XTI (CMOS logic level).
7. Pin 20: DIN (CMOS logic level).
8. Pins 1–3, 9, 17–18, 27: ADFLG, BRATE0, BRATE1, CKTRNS, EMFLG, BFRAME, UNLOCK.
9. Pins 4, 10–12, 15–16: SCKO, LRCKO, BCKO, DOUT, CSBIT, URBIT.
10. Pins 13–14, 19–20, 25–26, 28: SCF0, SCF1, BRSEL, DIN, FMT0, FMT1, CKSEL.
11. Pin 21: RST
12. fs is defined as the incoming audio sampling frequency per channel.
13. No load connected to SCKO, LRCKO, BCKO, DOUT, CSBIT, URBIT. Power supply current varies according to the system clock
frequency.


Similar Part No. - DIR1703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIR1703 TI-DIR1703 Datasheet
391Kb / 30P
[Old version datasheet]   96-kHz, 24-Bit Digital Audio Interface Receiver
More results

Similar Description - DIR1703

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com