Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE43 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # 1.5KE43
Description  Plastic package has UL flammability Classification 94V-0
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1.5KE43 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  1.5KE43 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1.5KE43 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1.5KE43 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1.5KE43 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 13/10/2009 H
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1.5KE Series
Electrical Characteristics (Ta = 25 OC unless otherwise specified)
Breakdown Voltage
1)
Uni-directional /
Bi-directional
Type
Reverse
Stand-off
Voltage
VWM (V)
VBR (V)
Min. at IT
VBR (V)
Max. at IT
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC (V) at IPPM
Maximum
Peak Pulse
Current
2)
IPPM (A)
Maximum
Reverse
Leakage
3)
ID (μA) at VWM
1.5KE56 / C
45.4
50.4
61.8
1
80.5
18.6
5
1.5KE56A / CA
47.8
53.2
58.8
1
77
19.5
5
1.5KE62 / C
50.2
55.8
68.2
1
89
16.9
5
1.5KE62A / CA
53
58.9
65.1
1
85
17.6
5
1.5KE68 / C
55.1
61.2
74.8
1
98
15.3
5
1.5KE68A / CA
58.1
64.6
71.4
1
92
16.3
5
1.5KE75 / C
60.7
67.5
82.5
1
108
13.9
5
1.5KE75A / CA
64.1
71.3
78.8
1
103
14.6
5
1.5KE82 / C
66.4
73.8
90.2
1
118
12.7
5
1.5KE82A / CA
70.1
77.9
86.1
1
113
13.3
5
1.5KE91 / C
73.7
81.9
100
1
131
11.5
5
1.5KE91A / CA
77.8
86.5
95.5
1
125
12
5
1.5KE100 / C
81
90
110
1
144
10.4
5
1.5KE100A / CA
85.5
95
105
1
137
10.9
5
1.5KE110 / C
89.2
99
121
1
158
9.5
5
1.5KE110A / CA
94
105
116
1
152
9.9
5
1.5KE120 / C
97.2
108
132
1
173
8.7
5
1.5KE120A / CA
102
114
126
1
165
9.1
5
1.5KE130 / C
105
117
143
1
187
8
5
1.5KE130A / CA
111
124
137
1
179
8.4
5
1.5KE150 / C
121
135
165
1
215
7
5
1.5KE150A / CA
128
143
158
1
207
7.2
5
1.5KE160 / C
130
144
176
1
230
6.5
5
1.5KE160A / CA
136
152
168
1
219
6.8
5
1.5KE170 / C
138
153
187
1
244
6.1
5
1.5KE170A / CA
145
162
179
1
234
6.4
5
1.5KE180 / C
146
162
198
1
258
5.8
5
1.5KE180A / CA
154
171
189
1
246
6.1
5
1.5KE200 / C
162
180
220
1
287
5.2
5
1.5KE200A / CA
171
190
210
1
274
5.5
5
1.5KE220 / C
175
198
242
1
344
4.4
5
1.5KE220A / CA
185
209
231
1
328
4.6
5
1.5KE250 / C
202
225
275
1
360
4.2
5
1.5KE250A / CA
214
237
263
1
344
4.4
5
1.5KE300 / C
243
270
330
1
430
3.5
5
1.5KE300A / CA
256
285
315
1
414
3.6
5
1.5KE350 / C
284
315
385
1
504
3
5
1.5KE350A / CA
300
333
368
1
482
3.1
5
1.5KE400 / C
324
360
440
1
574
2.6
5
1.5KE400A / CA
342
380
420
1
548
2.7
5
1.5KE440 / C
356
396
484
1
631
2.4
5
1.5KE440A / CA
376
418
462
1
602
2.5
5
1) Pulse test: tp ≤ 50 ms
2) Surge current waveform per Fig. 3 and derated per Fig. 2
3) For bidirectional types having VWM of 10 V and less, the ID limited is doubled


Similar Part No. - 1.5KE43

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1.5KE43 DIOTEC-1.5KE43 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Transys Electronics
1.5KE43 TRSYS-1.5KE43 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
1.5KE43 ANOVA-1.5KE43 Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
1.5KE43 LUGUANG-1.5KE43 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5KE43 WTE-1.5KE43 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1.5KE43

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
PSD3504 LRC-PSD3504 Datasheet
747Kb / 3P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H100CT KERSEMI-MBRF30H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR2050CT KERSEMI-MBR2050CT Datasheet
151Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Leshan Radio Company
GBL201 LRC-GBL201 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Kersemi Electronic Co.,...
MBR20H150CT KERSEMI-MBR20H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF10H150CT KERSEMI-MBRF10H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBRF30H150CT KERSEMI-MBRF30H150CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
MBR10H100CT KERSEMI-MBR10H100CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
First Silicon Co., Ltd
GBL2A FS-GBL2A Datasheet
195Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com