Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811TTBI-T Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT811TTBI-T
Description  4-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811TTBI-T Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT811TTBI-T Datasheet HTML 3Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 4Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 5Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 6Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 7Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 8Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 9Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 10Page - Catalyst Semiconductor CAT811TTBI-T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
CAT811, CAT812
Patent Pending
Doc. No. 3005, Rev. P
DETAILED DESCRIPTIONS
RESET TIMING
The reset signal is asserted LOW for the CAT811 and HIGH for the CAT812 when the power supply voltage falls below
the threshold trip voltage and remains asserted for at least 140ms after the power supply voltage has risen above the
threshold.
VCC TRANSIENT RESPONSE
The CAT811/812 protect
µPs against brownout failure. Short duration transients of 4µsec or less and 100 mV
amplitude typically do not cause a false RESET.
Figure 2 shows the maximum pulse duration of negative-going VCC transients that do not cause a reset condition. As
the amplitude of the transient goes further below the threshold (increasing VTH - VCC), the maximum pulse duration
decreases. In this test, the VCC starts from an initial voltage of 0.5V above the threshold and drops below it by the
amplitude of the overdrive voltage (VTH - VCC).
Figure 1. Reset Timing Diagram
Figure 2. Maximum Transient Duration Without Causing a Reset Pulse vs. Reset Comparator Overdrive
30
25
20
15
10
5
0
RESET OVERDRIVE VTH - VCC [mV]
1
10
100
1000
TAMB = 25°C
CAT8xxM
CAT8xxZ
5V
0V
5V
0V
5V
0V
CAT811
CAT812
Threshold
Voltage
140ms
minimum
Reset Timeout Period
Power
Supply
Voltage
RESET
RESET


Similar Part No. - CAT811TTBI-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811TTBI-T10 CATALYST-CAT811TTBI-T10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811TTBI-T10 ONSEMI-CAT811TTBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811TTBI-T3 CATALYST-CAT811TTBI-T3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811TTBI-T3 ONSEMI-CAT811TTBI-T3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811TTBI-T3 ONSEMI-CAT811TTBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT811TTBI-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com