Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C104G3GACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1812C104G3GACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C104G3GACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1812C104G3GACAUTO Datasheet HTML 1Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 2Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 3Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 4Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 5Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 6Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 7Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 8Page - Kemet Corporation C1812C104G3GACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1022_C0G_AUTO_SMD • 2/29/2016
1
One world. One KEMET
Benefits
• AEC–Q200automotivequalified
• −55°Cto+125°Coperatingtemperaturerange
• Lead(Pb)-Free,RoHSandREACHcompliant
• EIA0402,0603,0805,1206,1210,1812,and2220casesizes
• DCvoltageratingsof10V,16V,25V,50V,100V,200Vand250V
• Capacitanceofferingsrangingfrom0.5pFupto0.47μF
• Availablecapacitancetolerancesof±0.10pF,±0.25pF,±0.5pF,
±1%,±2%,±5%,±10%,and±20%
Overview
KEMET’sAutomotiveGradeSeriessurfacemountcapacitors
inC0Gdielectricaresuitedforavarietyofapplications
requiringproven,reliableperformanceinharshenvironments.
Whetherunder-hoodorin-cabin,thesedevicesemphasize
thevitalandrobustnatureofcapacitorsrequiredformission
andsafetycriticalautomotivecircuits.Strictertestingprotocol
andinspectioncriteriahavebeenestablishedforautomotive
gradeproductsinrecognitionofpotentiallyharshenvironmental
conditions.KEMETautomotivegradeseriescapacitorsmeet
thedemandingAutomotiveElectronicsCouncil'sAEC–Q200
qualificationrequirements
C0Gdielectricfeaturesa125°Cmaximumoperatingtemperature
andisconsidered“stable.”TheElectronicsIndustriesAlliance
(EIA)characterizesC0GdielectricasaClassImaterial.
Componentsofthisclassificationaretemperaturecompensating
andaresuitedforresonantcircuitapplicationsorthosewhere
Qandstabilityofcapacitancecharacteristicsarerequired.C0G
exhibitsnochangeincapacitancewithrespecttotimeandvoltage
andboastsanegligiblechangeincapacitancewithreferenceto
ambienttemperature.Capacitancechangeislimitedto±30ppm/
ºCfrom−55°Cto+125°C.
SurfaceMountMultilayerCeramicChipCapacitors(SMDMLCCs)
C0G Dielectric, 10 – 250 VDC (Automotive Grade)
Ordering Information
C
1206
C
104
J
3
G
A
C
AUTO
Ceramic CaseSize
(L" x W")
Specification/
Series
Capacitance
Code(pF)
Capacitance
Tolerance1
RatedVoltage
(VDC)
Dielectric FailureRate/
Design
TerminationFinish2 Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1812
2220
C=Standard
Twosignificant
digits+number
ofzeros
Use9for
1.0–9.9pF
Use8for
0.5–.99pF
ex.2.2pF=229
ex.0.5pF=508
B=±0.10pF
C=±0.25pF
D=±0.5pF
F=±1%
G=±2%
J=±5%
K=±10%
M=±20%
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
G = C0G
A = N/A
C=100%Matte
Sn
See"Packaging
C-SpecOrdering
OptionsTable"
below
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Additional termination finish options may be available. Contact KEMET for details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1812C104G3GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C104G3GACAUTO KEMET-C1812C104G3GACAUTO Datasheet
1Mb / 18P
   C0G Dielectric, 10 - 250 VDC (Automotive Grade)
More results

Similar Description - C1812C104G3GACAUTO

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ1206A102JXCAT VISHAY-VJ1206A102JXCAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com