Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811STBI-T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT811STBI-T
Description  4-Pin Microprocessor Power Supply Supervisors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811STBI-T Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT811STBI-T Datasheet HTML 3Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 4Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 5Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 6Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 7Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 8Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 9Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 10Page - Catalyst Semiconductor CAT811STBI-T Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CAT811, CAT812
Doc. No. 3005, Rev. P
Patent Pending
VALID RESET WITH VCC UNDER 1.0 V
To ensure that the CAT811
RESET pin is in a known state when VCC is under 1.0 V, a 100 k
Ω pull-down resistor
between
RESET pin and GND is recommended; the value is not critical. For the CAT812, a pull-up resistor from
RESET pin to VCC is needed.
BI-DIRECTIONAL RESET PIN INTERFACING
The CAT811/812 can interface with
µP/µC bi-directional reset pins by connecting a 4.7 kΩ resistor in series with the
CAT811/812 reset output and the
µP/µC bi-directional reset pin.
CAT811
GND
VCC
100k
Power
Supply
RESET
CAT812
GND
VCC
100k
Power
Supply
RESET
FIGURE 3.
RESET
RESET
RESET
RESET
RESET Valid with VCC Under 1.0 V
FIGURE 4. RESET Valid with VCC Under 1.1 V
FIGURE 5. Bi-directional Reset Pin Interfacing
CAT811
GND
VCC
4.7k
Power
Supply
RESET
Buffered
RESET
BUF
RESET
INPUT
GND
Bi-directional I/O Pin
µP
(For example: 68HC11)


Similar Part No. - CAT811STBI-T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811STBI-T10 CATALYST-CAT811STBI-T10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811STBI-T10 ONSEMI-CAT811STBI-T10 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
logo
Catalyst Semiconductor
CAT811STBI-T3 CATALYST-CAT811STBI-T3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811STBI-T3 ONSEMI-CAT811STBI-T3 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811STBI-T3 ONSEMI-CAT811STBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT811STBI-T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com