Electronic Components Datasheet Search |
|
C0402G225M4RACT050 Datasheet(PDF) 4 Page - Kemet Corporation |
|
C0402G225M4RACT050 Datasheet(HTML) 4 Page - Kemet Corporation |
4 / 22 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1075_X7R_HT_SMD • 3/30/2015 4 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature 175ºC, X7R Dielectric, 16 – 200 VDC (Industrial Grade) Environmental Compliance Lead (Pb)-Free, RoHS, and REACH compliant without exemptions. Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range -55°C to +175°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) ±15% (-55°C to +125°C) beyond 125°C see "Capacitance vs. Temperature Performance" plot - Reference Only Aging Rate (Maximum % Capacitance Loss/Decade Hour) <3.0% Dielectric Withstanding Voltage (DWV) 250% of rated voltage (5 ±1 seconds and charge/discharge not exceeding 50 mA) Dissipation Factor (DF) Maximum Limit at 25ºC See Dissipation Factor Limit Table Insulation Resistance (IR) Limit at 25°C 1,000 megohm microfarads or 100 GΩ (Rated voltage applied for 120 ± 5 secs at 25°C) Regarding aging rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours. To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Capacitance and dissipation factor (DF) measured under the following conditions: 1 kHz ±50 Hz and 1.0 ±0.2 Vrms if capacitance ≤ 10 µF Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Dissipation Factor Limit Table Rated DC Voltage Dissipation Factor 16/25 3.5% >25 2.5% Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance X7R 16/25 All 5.0 ± 20% 10% of Initial Limit >25 3.0 |
Similar Part No. - C0402G225M4RACT050 |
|
Similar Description - C0402G225M4RACT050 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |