Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88GGN-XE Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88GGN-XE
Description  8-Bit One-Time Programmable OTP Microcontroller with UART and Three Multi-Function Timers
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88GGN-XE Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP87L88GGN-XE Datasheet HTML 3Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 4Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 5Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 6Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 7Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 8Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 9Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 10Page - National Semiconductor (TI) COP87L88GGN-XE Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Pin Descriptions
VCC and GND are the power supply pins All VCC and GND
pins must be connected
CKI is the clock input This can come from an RC generat-
ed oscillator or a crystal oscillator (in conjunction with
CKO) See Oscillator Description section
RESET is the master reset input See Reset Description
section
The device contains three bidirectional 8-bit IO ports (C G
and L) where each individual bit may be independently con-
figured as an input (Schmitt Trigger inputs on ports L and
G) output or TRI-STATE under program control Three data
memory address locations are allocated for each of these
IO ports Each IO port has two associated 8-bit memory
mapped registers the CONFIGURATION register and the
output DATA register A memory mapped address is also
reserved for the input pins of each IO port (See the memo-
ry map for the various addresses associated with the IO
ports)
Figure 4 shows the IO port configurations The
DATA and CONFIGURATION registers allow for each port
bit to be individually configured under software control as
shown below
CONFIGURATION
DATA
Port Set-Up
Register
Register
0
0
Hi-Z Input
(TRI-STATE Output)
0
1
Input with Weak Pull-Up
1
0
Push-Pull Zero Output
1
1
Push-Pull One Output
PORT L is an 8-bit IO port All L-pins have Schmitt triggers
on the inputs
The Port L supports Multi-Input Wake Up on all eight pins
L1 is used for the UART external clock L2 and L3 are
used for the UART transmit and receive L4 and L5 are used
for the timer input functions T2A and T2B L6 and L7 are
used for the timer input functions T3A and T3B
The Port L has the following alternate features
L0
MIWU
L1
MIWU or CKX
L2
MIWU or TDX
L3
MIWU or RDX
L4
MIWU or T2A
L5
MIWU or T2B
L6
MIWU or T3A
L7
MIWU or T3B
Port G is an 8-bit port with 5 IO pins (G0 G2 – G5) an input
pin (G6) and a dedicated output pin (G7) Pins G0 and G2 –
G6 all have Schmitt Triggers on their inputs Pin G1 serves
as the dedicated WDOUT WATCHDOG output while pin G7
is either input or output depending on the oscillator mask
option selected With the crystal oscillator option selected
G7 serves as the dedicated output pin for the CKO clock
output With the single-pin RC oscillator mask option se-
lected G7 serves as a general purpose input pin but is also
used to bring the device out of HALT mode with a low to
high transition on G7 There are two registers associated
with the G Port a data register and a configuration register
Therefore each of the 5 IO bits (G0 G2 – G5) can be indi-
vidually configured under software control
Since G6 is an input only pin and G7 is the dedicated CKO
clock output pin (crystal clock option) or general purpose
input (RC clock option) the associated bits in the data and
configuration registers for G6 and G7 are used for special
purpose functions as outlined on the next page Reading
the G6 and G7 data bits will return zeros
TLDD12532 – 5
FIGURE 4 IO Port Configurations
http
www nationalcom
7


Similar Part No. - COP87L88GGN-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88GG NSC-COP87L88GG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
More results

Similar Description - COP87L88GGN-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P7148 SANYO-LC86P7148 Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com