Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY6116A-45DMB Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY6116A-45DMB
Description  2K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY6116A-45DMB Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY6116A-45DMB Datasheet HTML 1Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 2Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 3Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 4Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 5Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 6Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 7Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 8Page - Cypress Semiconductor CY6116A-45DMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY6116A
CY6117A
6116A: 11/8/89
Revision: Monday, November 8, 1993
6
Typical DC and AC Characteristics (continued)
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
TYPICAL POWER ON CURRENT
vs. SUPPLY VOLTAGE
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
1.4
1.2
1.0
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED ICC vs. CYCLE TIME
0.0
5.0
0.0
1000
0.8
VCC = 4.5V
TA =25_C
0
VCC = 5.0V
TA =25_C
VIN = 0.5V
0.9
1.1
1.3
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY6116A-20PC
P11
28Lead (300Mil) Molded DIP
Commercial
25
CY6116A-25PC
P11
28Lead (300Mil) Molded DIP
Commercial
CY6116A-25DMB
D12
24Lead (600Mil) CerDIP
Military
CY6116A-25LMB
L64
28Square Leadless Chip Carrier
35
CY6116A-35PC
P11
28Lead (300Mil) Molded DIP
Commercial
CY6116A-35DMB
D12
24Lead (600Mil) CerDIP
Military
CY6116A-35LMB
L64
28Square Leadless Chip Carrier
45
CY6116A-45PC
P11
28Lead (300Mil) Molded DIP
Commercial
CY6116A-45DMB
D12
24Lead (600Mil) CerDIP
Military
CY6116A-45LMB
L64
28Square Leadless Chip Carrier
55
CY6116A-55PC
P11
28Lead (300Mil) Molded DIP
Commercial
CY6116A-55DMB
D12
24Lead (600Mil) CerDIP
Military
CY6116A-55LMB
L64
28Square Leadless Chip Carrier
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
35
CY6117A 35LMB
L55
32Pin Rectangular Leadless Chip Carrier Military
45
CY6117A 45LMB
L55
32Pin Rectangular Leadless Chip Carrier Military
55
CY6117A 55LMB
L55
32Pin Rectangular Leadless Chip Carrier Military


Similar Part No. - CY6116A-45DMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY600 ETC1-CY600 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY62126BVLL-55BAI CYPRESS-CY62126BVLL-55BAI Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY62126BVLL-55ZI CYPRESS-CY62126BVLL-55ZI Datasheet
188Kb / 9P
   64K x 16 Static RAM
CY62126BVLL-70BAI CYPRESS-CY62126BVLL-70BAI Datasheet
188Kb / 9P
   64K x 16 Static RAM
More results

Similar Description - CY6116A-45DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
   2K x 8 Static RAM
CY7C128A CYPRESS-CY7C128A_07 Datasheet
193Kb / 10P
   2K x 8 Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
   2K x 8 Asynchronous CMOS Static RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_09 Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com