Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1339
Description  Serial Real-Time Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1339 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1339 Datasheet HTML 3Page - Dallas Semiconductor DS1339 Datasheet HTML 4Page - Dallas Semiconductor DS1339 Datasheet HTML 5Page - Dallas Semiconductor DS1339 Datasheet HTML 6Page - Dallas Semiconductor DS1339 Datasheet HTML 7Page - Dallas Semiconductor DS1339 Datasheet HTML 8Page - Dallas Semiconductor DS1339 Datasheet HTML 9Page - Dallas Semiconductor DS1339 Datasheet HTML 10Page - Dallas Semiconductor DS1339 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DS1339 I
2C Serial Real-Time Clock
7 of 18
PIN DESCRIPTION
PIN
mSOP
SO
NAME
FUNCTION
1
X1
2
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator
circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 6pF. An external 32.768kHz oscillator can also drive the
DS1339. In this configuration, the X1 pin is connected to the external oscillator
signal and the X2 pin is floated.
For more information about crystal selection and crystal layout considerations,
refer to Application Note 58: Crystal Considerations with Dallas Real-Time
Clocks.
3
14
VBACKUP
Secondary Power Supply. Supply voltage must be held between 1.3V and 3.7V
for proper operation. This pin can be connected to a primary cell, such as a
lithium button cell. Additionally, this pin can be connected to a rechargeable cell
or a super cap when used in conjunction with the trickle-charge feature. Diodes
should not be placed in series between the battery and the VBACKUP input, or
improper operation will result. UL recognized to ensure against reverse charging
current when used with a lithium battery If a back up supply is not required,
VBACKUP must be grounded.
4
15
GND
Ground. DC power is provided to the device on these pins.
5
16
SDA
Serial Data Input/Output. SDA is the input/output pin for the I
2C serial interface.
The SDA pin is an open-drain output and requires an external pullup resistor.
6
1
SCL
Serial Clock Input. SCL is used to synchronize data movement on the serial
interface.
7
2
SQW/
INT
Square-Wave/Interrupt Output. Programmable square-wave or interrupt output
signal. The SQW/
INT pin is an open-drain output and requires an external pullup
resistor.
8
3
VCC
Power Supply. DC power is provided to the device on these pins.
4–13
N.C.
No Connection. These pins are unused and must be connected to ground.
TYPICAL OPERATING CIRCUIT
DS1339
4
CPU
VCC
VCC
VCC
5
6
8
12
SDA
SCL
GND
X2
X1
VCC
RPU
RPU
CRYSTAL
SQW /INT
VBACKUP
3
7
i


Similar Part No. - DS1339

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339 MAXIM-DS1339 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339A MAXIM-DS1339A Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results

Similar Description - DS1339

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
   Serial Real-Time Clock
2019
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
   SERIAL REAL-TIME CLOCK
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
   SERIAL REAL-TIME CLOCK
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
   Serial Real-Time Clock
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
   Serial access real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com